| Electronic Components Datasheet Search |
|
L9965P-FP Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9965P-FP Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 104 page ![]() Figure 25. ER cap discharge path RDCH ESR CER ERBST ERDCHSW RDSON_ERDCHSW IDCH DV C The ER discharge switch is an integrated switch that creates a low-ohmic path between the ER capacitor connected to ERDCHSW pin and ground. In the standard application scenario with ERBST mounted, the ERDCHSW is externally connected to the ER capacitor with an external resistor (RDCHG). So, this resistor defines the current used during the discharge phase of the ER capacitor diagnostic. The ER discharge switch can also be controlled via SPI with the ERDCHSW_EN bit located in the ERCAP register. The ERDCHSW_EN bit is set by the microcontroller but it is automatically cleared and ERDCHSW is disabled when the energy stored in the ER cap is needed as energy reserve: • For the device itself when it enters the DEEP-SLEEP state. • For deployment event when the IC enters ARM state. • For ER cap diagnostic when the IC enters DIAG state. Note: There is no constraint between the ERBST enable and the ERDCHSW enable, so it is under the user's responsibility to prevent a possible conflict and avoid an excessive thermal heating in the integrated ER discharge switch. The ER discharge switch has an overcurrent protection feature performed through a voltage comparator that monitors the VDS voltage of the switch. When the voltage on ERDCHSW pin exceeds VERDCHSW_OV_H for a time longer than tERDCHSW_FLT, the switch is disabled, the FAULTN pin goes low and the ERDCHSW_OV bit in the ERCAP register is set to 1. The switch is reenabled if the voltage on ERDCHSW pin is lower than VERDCHSW_OV_L for a time longer than tERDCHSW_FLT (fault is considered as disappeared) and the ERDCHSW_OV bit is read and cleared. Referring to a simplified schematic of the Figure 25, typical VERBST and VERDCHSW discharge profiles are shown in the Figure 26. L9965P Functional description DS14702 - Rev 4 page 51/104 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |