Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9965P-FP Datasheet(PDF) 100 Page - STMicroelectronics

Part # L9965P-FP
Description  Automotive single channel pyro-fuse driver
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9965P-FP Datasheet(HTML) 100 Page - STMicroelectronics

Back Button L9965P-FP Datasheet HTML 96Page - STMicroelectronics L9965P-FP Datasheet HTML 97Page - STMicroelectronics L9965P-FP Datasheet HTML 98Page - STMicroelectronics L9965P-FP Datasheet HTML 99Page - STMicroelectronics L9965P-FP Datasheet HTML 100Page - STMicroelectronics L9965P-FP Datasheet HTML 101Page - STMicroelectronics L9965P-FP Datasheet HTML 102Page - STMicroelectronics L9965P-FP Datasheet HTML 103Page - STMicroelectronics L9965P-FP Datasheet HTML 104Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
3.9
Oscillators ................................................................... 60
3.9.1
Main oscillator and aux oscillator............................................ 60
3.9.2
Oscillator monitor ....................................................... 60
3.10
GPIOs....................................................................... 61
3.10.1
GPIOs electrical parameters ............................................... 61
3.11
Internal monitors .............................................................. 62
3.12
Die temperature (TJ) monitor .................................................... 62
3.12.1
Die temperature monitor electrical parameters ................................. 62
3.13
Ground loss monitor (GNDMON) ................................................ 63
3.13.1
Ground loss monitor diagnostics ............................................ 63
3.13.2
Ground Loss monitor electrical parameters.................................... 63
3.14
Serial peripheral interface (SPI) ................................................. 64
3.14.1
SPI electrical parameters ................................................. 65
3.14.2
SPI register map ........................................................ 65
3.15
Configuration Lock ............................................................ 81
3.15.1
Configuration lock electrical parameters ...................................... 81
3.16
Software reset (SW_RST) ...................................................... 82
3.17
Configuration integrity check (CONF_CRC) ....................................... 82
3.17.1
Configuration integrity check electrical parameters .............................. 82
3.18
Non-volatile memory (NVM)..................................................... 82
3.18.1
NVM read/write operations ................................................ 83
3.18.2
NVM data integrity checks................................................. 84
3.18.3
NVM electrical parameters ................................................ 84
4
Application scenarios.............................................................85
4.1
Typical application circuit ....................................................... 85
4.1.1
12 V battery with MCU and ERBST mounted .................................. 85
4.1.2
12 V DC-DC with MCU and ERBST mounted .................................. 86
4.1.3
12 V DC-DC with L9965C and ERBST mounted ................................ 87
4.1.4
24 V DC-DC with MCU and ERBST not mounted ............................... 88
4.1.5
Bill of materials (BOM) ................................................... 89
4.2
Device positioning in BMS application ............................................ 90
5
Mission profile....................................................................91
6
Package information..............................................................92
6.1
VFQFN32 (5x5x0.9 mm 32+4L WETT. FLANKS) package information ................. 92
6.2
TQFP32L (7x7x1 mm 32+4L exposed pad down) package information ................ 95
Revision history .......................................................................98
L9965P
Contents
DS14702 - Rev 4
page 100/104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com