Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB100 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 51Page - STMicroelectronics SPSB100 Datasheet HTML 52Page - STMicroelectronics SPSB100 Datasheet HTML 53Page - STMicroelectronics SPSB100 Datasheet HTML 54Page - STMicroelectronics SPSB100 Datasheet HTML 55Page - STMicroelectronics SPSB100 Datasheet HTML 56Page - STMicroelectronics SPSB100 Datasheet HTML 57Page - STMicroelectronics SPSB100 Datasheet HTML 58Page - STMicroelectronics SPSB100 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 213 page
background image
LBIST2 must be run only in Active-Full power mode by MCU through the SPI. MCU shall write LBIST bit to
request its execution (only after SPI_PROTECT_ACCESS has been set). The LBIST2 execution is delayed until
the NVM controller terminates its self-test
After tLBIST, the LBIST2 is finished, the status bit LBIST_COMPLETE is set and an interrupt is sent to IRQ pin.
LBIST_ERROR_1 is set in case a LBIST2 error is detected.
SPSB100 does not take any action in case of an LBIST2 error is detected. It is the duty of the MCU to proper
react on such a signaled error.
LBIST error detected in INIT state is considered as a safety check error (see the Section 4.17: Safety checks).
Fault management while LBIST is executed:
•
When LBIST1 and LBIST2 are executed in INIT state the internal faults processed by the blocks under
LBIST are masked, their processing by SPSB100 is delayed until the end of LBIST1 & LBIST2.
•
When LBIST2 is executed on demand in active-full power mode the faults (UV, OV, TSD…) processed by
the blocks under LBIST2 are not masked. If a fault occurs the LBIST2 is stopped, status bit
LBIST_STOPPED is set and an IRQ is generated, the fault is processed by SPSB100 with appropriate
reaction.
•
As a consequence the watchdog window must be properly set before requesting a LBIST2 execution to let
the LBIST2 complete before the next watchdog trig through SPI.
4.17
Safety checks
Safety checks are executed in INIT state. They are made of:
•
Digital BIST LBIST1 and LBIST2.
•
Ground pin monitor.
•
NVM checks: CRC and U-PROG value.
In case of error the state machine transits to DEEP-SLEEP where the device can be woken up to INIT state
where safety checks are run again.
4.18
NVM integrity monitor
To detect an improper turn-OFF of NVM monitor feature, the device embeds an echo signal of the NVM monitor
block enable signal: NVM_COMPARE_ENA_STATUS live bit in the status register. This status bit is set if a fault
disables the comparison of NVM data with redundant registers, in such case an interrupt is sent to IRQ pin. The
reaction of the NVM monitor features in case of error is described in the Section 4.8: HW low-level monitors.
SPSB100
Protection, diagnosis and monitoring signals
DS14640 - Rev 2
page 55/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com