Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPSB100 Datasheet(PDF) 65 Page - STMicroelectronics

Part # SPSB100
Description  Automotive power management IC for highly integrated processors
PDF  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPSB100 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button SPSB100 Datasheet HTML 61Page - STMicroelectronics SPSB100 Datasheet HTML 62Page - STMicroelectronics SPSB100 Datasheet HTML 63Page - STMicroelectronics SPSB100 Datasheet HTML 64Page - STMicroelectronics SPSB100 Datasheet HTML 65Page - STMicroelectronics SPSB100 Datasheet HTML 66Page - STMicroelectronics SPSB100 Datasheet HTML 67Page - STMicroelectronics SPSB100 Datasheet HTML 68Page - STMicroelectronics SPSB100 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 213 page
background image
6
Functional safety concept
The device is designed to offer a set of features to support applications that need to fulfill functional safety
requirements as defined by ASIL classification in ISO26262-2018. The IC is developed for different applications,
hence can be considered a SEooC (safety element out of context) as defined in the normative. Analysis of the
IC’s capability to reach the required safety level, should be made at system level under the user's responsibility.
6.1
Safety requirements
The SPSB100 must fulfill safety requirements for temperature, output current, output voltage, and system
operation as in the following tables based on MCU modes.
6.1.1
MCU in RUN mode
The following figure shows the MCU in RUN mode.
Figure 38. PMIC + MCU in RUN mode
Table 19. Safety requirement list while MCU is in RUN mode
ID
Description
Safety state
SR1
While the MCU is in RUN mode the PMIC shall
monitor the supply output voltages for the
MCU and force a reset of the MCU in case of a
voltage error.
Output regulators are stopped, NRESET and NFSO pins are asserted.
SPSB100 tries to power-up again, if the fault is confirmed for 3
successive power-up then output regulators are stopped, NRESET and
NFSO pins are asserted and SPSB100 reaches DEEP-SLEEP state.
SR2
While the MCU is in RUN mode the PMIC shall
monitor the MCU error pin and force a reset of
the MCU based on an error indication.
NRESET and NFSO pins are asserted, output regulators are set back
to their state resulting from a power-up sequence, then NRESET
assertion is maintained for few ms then released. SPSB100 is in
RECOVERY-1 state.
SPSB100
Functional safety concept
DS14640 - Rev 2
page 65/213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com