Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-X Datasheet(PDF) 52 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 52 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 48Page - Greenlee Communications DST-SW-X Datasheet HTML 49Page - Greenlee Communications DST-SW-X Datasheet HTML 50Page - Greenlee Communications DST-SW-X Datasheet HTML 51Page - Greenlee Communications DST-SW-X Datasheet HTML 52Page - Greenlee Communications DST-SW-X Datasheet HTML 53Page - Greenlee Communications DST-SW-X Datasheet HTML 54Page - Greenlee Communications DST-SW-X Datasheet HTML 55Page - Greenlee Communications DST-SW-X Datasheet HTML 56Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
328
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
SPECIFICATIONS
OPTICAL
Center Wavelength
650 nm
Range (Typical)
630 nm to 670 nm
Max. Spectral Width (FWHM)
40 nm
Stability (1 hour)
±0.05 dB
Power Output into
MM 200/300 SI Fiber
-15 dBm ±0.5 dB
Modular Frequencies
270 kHz, 1 kHz and 2 kHz ±0.5 dB
Power Requirements
Two AA size 1.5V batteries
(approx. 24 hours continuous operation)
Connector Interface
ST
650 nm LED Source for Large Core Plastic and Glass Fiber
• 650 nm wavelength
• Stable calibrated output
• Easy to use
• Continuous wave and modulated output
• ST connector interface
• Long battery life - approx. 24 hours
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
573XL-ST
00023
650NM LED source w/ST interface
573XL-UNIV
00598
650NM LED source w/UCI interface
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
850/1300 nm LED Source
• 850/1300 nm wavelengths
• Stable calibrated output
• Easy to use
• Continuous wave and modulated output
• Fixed connector interface FC, SC or ST
• Long battery life - approx. 80 hours
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
570XL-FC
84486
850/1300 nm LED source w/FC interface
570XL-SC
84487
850/1300 nm LED source w/SC interface
570XL-ST
84488
850/1300 nm LED source w/ST interface
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
SPECIFICATIONS
OPTICAL
Center Wavelengths
850 nm
1300 nm
Range (typical)
840 nm to 880 nm
1270 nm to 1345 nm
Max. spectral width
60 nm
150 nm
Stability (1 hour)
±0.05 dB
±0.05 dB
Typical power output
100/140um
-20 dBm
-20 dBm
62.5/125um
-20 dBm
-20 dBm
50/125um
-21 dBm
-21 dBm
Modulation frequency
270 kHz, 1 kHz and 2 kHz
270 kHz, 1 kHz and 2 kHz
Power Requirements
Two AA size 1.5V batteries
Two AA size 1.5V batteries
(approx. 40 hours continuous operation)
Connector interface
FC, SC or ST
FC, SC or ST
570XL-FC
573XL-ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com