Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-X Datasheet(PDF) 79 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 79 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 75Page - Greenlee Communications DST-SW-X Datasheet HTML 76Page - Greenlee Communications DST-SW-X Datasheet HTML 77Page - Greenlee Communications DST-SW-X Datasheet HTML 78Page - Greenlee Communications DST-SW-X Datasheet HTML 79Page - Greenlee Communications DST-SW-X Datasheet HTML 80Page - Greenlee Communications DST-SW-X Datasheet HTML 81Page - Greenlee Communications DST-SW-X Datasheet HTML 82Page - Greenlee Communications DST-SW-X Datasheet HTML 83Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
355
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Adjustable Wire Stripper & Cutter
• Economical wire stripping tool for multiple cables
• Made of high carbon steel and heat treated for long life
• Adjustable settings for wire sizes from 30-10 AWG
CAT. NO. DESCRIPTION
WEIGHT
PA1161
Adjustable wire stripper & cutter (30-10 AWG)
3 oz
Do not use on live circuits.
• Strips flexible and solid conductors with PVC, Teflon, silicone
and other special insulations
• Strips multiple conductors and thin ribbon-cable
conductors simultaneously
• Adjustable wire stop and built-in wire cutter
• 28-18 AWG (0.80-1.0 mm2) PVC blade included
• See replacement blades in next section
• Limited lifetime warranty
mini-stripax® plus
CAT. NO.
DESCRIPTION
WEIGHT
PA1115P
mini-stripax® plus (28-18 AWG)
4 oz
Strips PVC only. Do not use on live circuits.
For Teflon, order blades separately see below in mini-stripax plus Replacement Blades Section.
Teflon® is a registered trademark of Dupont
PA1115P
PA1161



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com