Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DST-SW-DCOM Datasheet(PDF) 54 Page - Greenlee Communications

Part # DST-SW-DCOM
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-DCOM Datasheet(HTML) 54 Page - Greenlee Communications

Back Button DST-SW-DCOM Datasheet HTML 50Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 51Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 52Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 53Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 54Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 55Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 56Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 57Page - Greenlee Communications DST-SW-DCOM Datasheet HTML 58Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
330
COMMUNICATIONS
TRUSTED
SINCE
1862
FIBER PRODUCTS
www.greenlee.com
Multimode Fiber Optic Test Set
• Insertion loss test set for multimode fiber
• 850/1300 nm loss measurements
• Connector for FC, SC or ST
• Rugged package design
• Easy to use portable package
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
5670-FC
84492
Multimode Fiber Optic Test Set w/FC interface
5670-SC
84493
Multimode Fiber Optic Test Set w/SC interface
5670-ST
84494
Multimode Fiber Optic Test Set w/ST interface
SPECIFICATIONS
5670-FC INCLUDES:
560XL Optical Power Meter
570XL-FC 850/1300 nm LED Source w/FC Connector
T1020 FC/PC SOC Adapter
914B Carrying Case
5670-SC INCLUDES:
560XL Optical Power Meter
570XL-SC 850/1300 nm LED Source w/SC Connector
SC/PC SOC Adapter
914B Carrying Case
5670-ST INCLUDES:
560XL Optical Power Meter
570XL-ST 850/1300 nm LED Source w/ST Connector
T1030 ST/PC SOC Adapter
914B Carrying Case
1310/1550 nm Laser Source
• 1310/1550nm wavelengths
• Stable calibrated output
• Easy to use
• Continuous wave and modulated output
• Fixed connect interface FC, SC or ST
• Long battery life - approx. 80 hours
• User selectable auto shut-off
• Rugged and splash-proof
• Economically priced
CAT. NO.
UPC NO.
DESCRIPTION
580XL-FC
84489
1310/1550nm Laser source w/FC interface
580XL-SC
84490
1310/1550nm Laser source w/SC interface
580XL-ST
84491
1310/1550nm Laser source w/ST interface
SPECIFICATIONS
ENVIRONMENTAL
Operating temperature -15° C to +55° C
Storage temperature
-35° C to +70° C
Humidity
0 to 95% non-condensing
Dimensions
7.2 x 14.2 x 3.5 cm (2.8 x 5.6 x 1.4 in.)
Weight
241 g (8.5 oz.)
CE
EN61010; EN50081-1: 1992; EN55011,
Group 1, Class A EN50082-1:
1992 IEC 801-2, -3, -4
CDRH Laser Class
Class 1
SPECIFICATIONS
OPTICAL
Center Wavelengths
1310 nm
1550 nm
Range (typical)
1280 nm to 1340 nm
1520 nm to 1580 nm
Max. spectral width
<5 nm
<5 nm
Stability (1 hour)
±0.05 dB
±0.05 dB
Typical power output (9/125)
Minimum
-8 dBm
-8 dBm
Typical
-7 dBm
-7 dBm
Modulation frequency
270 kHz, 1 kHz and 2 kHz
270 kHz, 1 kHz and 2 kHz
Power Requirements
Two AA size 1.5V batteries
Two AA size 1.5V batteries
(approx. 40 hours continuous operation)
Connector interface
FC, SC or ST
FC, SC or ST
580XL-FC
5670-FL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com