| Electronic Components Datasheet Search |
|
DST-SW-DCOM Datasheet(PDF) 55 Page - Greenlee Communications |
|
|
|||||||||||||||||||||||||||||
DST-SW-DCOM Datasheet(HTML) 55 Page - Greenlee Communications |
|
55 / 108 page ![]() 331 = NEW PRODUCT = REPLACEMENT PART = ACCESSORY B = BARE TOOL www.greenlee.com Singlemode Fiber Optic Test Set • Insertion loss test set for singlemode fiber • 1310/1550 nm loss measurements • Connector for FC, SC or ST • Rugged package design • Easy to use portable package • Economically priced CAT. NO. UPC NO. DESCRIPTION 5680-FC 84495 Singlemode Fiber Optic Test Set w/FC interface 5680-SC 84496 Singlemode Fiber Optic Test Set w/SC interface 5680-ST 84497 Singlemode Fiber Optic Test Set w/ST interface Multimode and Singlemode Fiber Optic Test Set • Insertion loss test set for multimode and singlemode fiber • 850/1300 nm Loss measurements • 1310/1550 nm Loss measurements • Connector for FC, SC or ST • Rugged package design • Easy to use portable package • Economically priced CAT. NO. UPC NO. DESCRIPTION 5890-FC 84498 Multimode and Singlemode Fiber Optic Test Set w/FC interface 5890-SC 84499 Multimode and Singlemode Fiber Optic Test Set w/SC interface 5890-ST 84500 Multimode and Singlemode Fiber Optic Test Set w/ST interface KIT SPECIFICATIONS 5890-FC INCLUDES: 560XL Optical Power Meter 570XL-FC 850/1300 nm LED Source w/FC Connector 580XL-FC 1310/1550 nm Laser Source w/FC Connector T1020 FC/PC SOC Adapter 915B Carrying Case 5890-SC INCLUDES: 560XL Optical Power Meter 570XL-SC 850/1300 nm LED Source w/SC Connector 580XL-SC 1310/1550 nm Laser Source w/SC Connector T1062 SC/PC SOC Adapter 915B Carrying Case 5890-ST INCLUDES: 560XL Optical Power Meter 570XL-ST 850/1300 nm LED Source w/ST Connector 580XL-ST 1310/1550 nm Laser Source w/ST Connector T1030 ST/PC SOC Adapter 915B Carrying Case KIT SPECIFICATIONS 5680-FC INCLUDES: 560XL Optical Power Meter 580XL-FC 1310/1550 nm Laser Source w/FC Connector T1020 FC/PC SOC Adapter 914B Carrying Case 5680-SC INCLUDES: 560XL Optical Power Meter 580XL-SC 1310/1550 nm Laser Source w/SC Connector T1062 SC/PC SOC Adapter 914B Carrying Case 5680-ST INCLUDES: 560XL Optical Power Meter 580XL-ST 1310/1550 nm Laser Source w/ST Connector T1030 ST/PC SOC Adapter 914B Carrying Case 5680-FC 5890-FC |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |