Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2128 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA2128
Description  INA2128 Dual, Low-Power Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2128 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA2128 Datasheet HTML 3Page - Texas Instruments INA2128 Datasheet HTML 4Page - Texas Instruments INA2128 Datasheet HTML 5Page - Texas Instruments INA2128 Datasheet HTML 6Page - Texas Instruments INA2128 Datasheet HTML 7Page - Texas Instruments INA2128 Datasheet HTML 8Page - Texas Instruments INA2128 Datasheet HTML 9Page - Texas Instruments INA2128 Datasheet HTML 10Page - Texas Instruments INA2128 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GAIN
Gain equation
1 + (50 kΩ / RG)
V/V
G
Gain
1
10000
V/V
GE
Gain error
G = 1
INA2128U
±0.01
±0.024
%
INA2128UA
±0.01
±0.1
G = 10
INA2128U
±0.02
±0.4
INA2128UA
±0.02
±0.5
G = 100
INA2128U
±0.05
±0.5
INA2128UA
±0.05
±0.7
G = 1000
INA2128U
±0.5
±1
INA2128UA
±0.5
±2
Gain drift(2)
TA = –40°C to +85°C
±1
±10
ppm/°C
50-kΩ or 49.4-kΩ resistance(3)
±25
±100
Gain nonlinearity
G = 1, VO = ±13.6 V
INA2128U
±0.0001
±0.001
% of FSR
INA2128UA
±0.0001
±0.002
G = 10
INA2128U
±0.0003
±0.002
INA2128UA
±0.0003
±0.004
G = 100
INA2128U
±0.0005
±0.002
INA2128UA
±0.0005
±0.004
G = 1000(4)
±0.001
OUTPUT
Positive output voltage
(V+) – 1.4
V
Negative output voltage
(V–) + 1.4
V
CL
Load capacitance
Stable operation
1000
pF
ISC
Short-circuit current
Continuous to VS / 2
+6/–15
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 1
1.3
MHz
G = 10
600
kHz
G = 100
200
G = 1000
20
SR
Slew rate
G = 10, VO = ±10 V
1.2
V/µs
tS
Settling time
To 0.01%
G = 1
9
µs
G = 10
9
G = 100
12
G = 1000
80
Overload recovery
50% input overload
4
µs
POWER SUPPLY
IQ
Total quiescent current
VIN = 0 V
±1.4
±1.5
mA
(1)
Input common-mode voltage varies with output voltage; see Typical Characteristics.
(2)
Specified by wafer test.
(3)
Temperature coefficient of the 50-kΩ or 49.4-kΩ term in the gain equation.
(4)
Nonlinearity measurements in G = 1000 are dominated by noise. Typical nonlinearity is ±0.001%.
www.ti.com
INA2128
SBOS035B – DECEMBER 1995 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA2128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com