Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA209 Datasheet(PDF) 39 Page - Texas Instruments

Part # INA209
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA209 Datasheet(HTML) 39 Page - Texas Instruments

Back Button INA209 Datasheet HTML 35Page - Texas Instruments INA209 Datasheet HTML 36Page - Texas Instruments INA209 Datasheet HTML 37Page - Texas Instruments INA209 Datasheet HTML 38Page - Texas Instruments INA209 Datasheet HTML 39Page - Texas Instruments INA209 Datasheet HTML 40Page - Texas Instruments INA209 Datasheet HTML 41Page - Texas Instruments INA209 Datasheet HTML 42Page - Texas Instruments INA209 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
regardless of whether the device has power applied or not. Place the required power-supply bypass capacitors
as close as possible to the supply and ground terminals of the device to provide stability. A typical value for
this supply bypass capacitor is 0.1μF. Applications with noisy or high-impedance power supplies can require
additional decoupling capacitors to reject power-supply noise.
8.4 Layout
8.4.1 Layout Guidelines
Connect the input pins (IN+ and IN–) of all the used channels to the sensing resistor using a Kelvin connection
or a 4-wire connection. These connection techniques verify that only the current-sensing resistor impedance
is detected between the input pins. Poor routing of the current-sensing resistor commonly results in additional
resistance present between the input pins. Given the very low ohmic value of the current-sensing resistor,
any additional high-current carrying impedance causes significant measurement errors. Place the power-supply
bypass capacitor as close as possible to the supply and ground pins.
8.4.2 Layout Example
IN 3
IN+3
GND
VS
IN+1
IN 1
PV
Critical
I
2C- and SMBUS-
Compatible Interface
Via to Ground Plane
Via to Power Plane
Connect to
bus power-
supply rail
Connect
to VPU
Supply
Bypass
Capacitor
Warning Output
To Bus Power Supply
To Load
To Bus Power
Supply
To Load
Critical
Output
Timing Control Output
Figure 8-4. Layout Example
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com