Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA209 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA209
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA209 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA209 Datasheet HTML 8Page - Texas Instruments INA209 Datasheet HTML 9Page - Texas Instruments INA209 Datasheet HTML 10Page - Texas Instruments INA209 Datasheet HTML 11Page - Texas Instruments INA209 Datasheet HTML 12Page - Texas Instruments INA209 Datasheet HTML 13Page - Texas Instruments INA209 Datasheet HTML 14Page - Texas Instruments INA209 Datasheet HTML 15Page - Texas Instruments INA209 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
7.3.2 Alert Monitoring
The INA3221 allows programmable thresholds that make sure the intended application operates within the
desired operating conditions. Multiple monitoring functions are available using four alert pins: Critical, Warning,
PV (power valid), and TC (timing control). These alert pins are open-drain connections.
7.3.2.1 Critical Alert
The critical-alert feature monitors functions based on individual conversions of each shunt-voltage channel. The
critical-alert limit feature compares the shunt-voltage conversion for each shunt-voltage channel to the value
programmed into the corresponding limit register, to determine if the measured value exceeds the intended limit.
Exceeding the programmed limit indicates that the current through the shunt resistor is too high.
At power-up, the default critical-alert limit value for each channel is set to the positive full-scale value, effectively
disabling the alert. Program the corresponding limit registers at any time to begin monitoring for out-of-range
conditions. The Critical alert pin pulls low if any channel measurement exceeds the limit present in the
corresponding-channel critical-alert limit register. When the Critical alert pulls low, read the Mask/Enable register
to determine which channel caused the critical alert flag indicator bit (CF1-3) to assert (= 1).
7.3.2.1.1 Summation Control Function
The INA3221 also allows the Critical alert pin to be controlled by the summation control function. This function
adds the single shunt-voltage conversions for the desired channels (set by SCC1-3 in the Mask/Enable register)
to compare the combined sum to the programmed limit.
The SCC bits either disable the summation control function or allow the summation control function to switch
between including two or three channels in the Shunt-Voltage Sum register. The Shunt-Voltage Sum Limit
register contains the programmed value that is compared to the value in the Shunt-Voltage Sum register to
determine if the total summed limit is exceeded. If the shunt-voltage sum limit value is exceeded, the Critical
alert pin pulls low. Either the summation alert flag indicator bit (SF) or the individual critical alert limit bits (CF1-3)
in the Mask/Enable register determine the source of the alert when the Critical alert pin pulls low.
For the summation limit to have a meaningful value, use the same shunt-resistor value on all included channels.
Unless equal shunt-resistor values are used for each channel, do not use this function to add the individual
conversion values directly together in the Shunt-Voltage Sum register to report the total current.
7.3.2.2 Warning Alert
The warning alert monitors the averaged value of each shunt-voltage channel. The averaged value of each
shunt-voltage channel is based on the number of averages set with the averaging mode bits (AVG1-3) in the
Configuration register. The average value updates in the shunt-voltage output register each time there is a
conversion on the corresponding channel. The device compares the averaged value to the value programmed in
the corresponding-channel Warning Alert Limit register to determine if the averaged value has been exceeded,
indicating whether the average current is too high. At power-up, the default warning-alert limit value for each
channel is set to the positive full-scale value, effectively disabling the alert. The corresponding limit registers can
be programmed at any time to begin monitoring for out-of-range conditions. The Warning alert pin pulls low if
any channel measurements exceed the limit present in the corresponding-channel Warning Alert Limit register.
When the Warning alert pin pulls low, read the Mask/Enable register to determine which channel warning alert
flag indicator bit (WF1-3) is asserted (= 1).
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com