Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA321E Datasheet(PDF) 9 Page - Texas Instruments

Part # INA321E
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321E Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA321E Datasheet HTML 5Page - Texas Instruments INA321E Datasheet HTML 6Page - Texas Instruments INA321E Datasheet HTML 7Page - Texas Instruments INA321E Datasheet HTML 8Page - Texas Instruments INA321E Datasheet HTML 9Page - Texas Instruments INA321E Datasheet HTML 10Page - Texas Instruments INA321E Datasheet HTML 11Page - Texas Instruments INA321E Datasheet HTML 12Page - Texas Instruments INA321E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, VCM =1/2VS, RL = 25kΩ, and CL = 50pF, unless otherwise noted.
SLEW RATE vs TEMPERATURE
Temperature (
_C)
−75
25
−50 −25
0
50
75
100
125
150
1
0.8
0.6
0.4
0.2
0
INPUT BIAS CURRENT vs TEMPERATURE
−75
−50
−25
0
25
50
75
100
125
150
Temperature (
_C)
10k
1k
100
10
0
0.1
CROSSTALK vs FREQUENCY
0.1
1
10
100
1k
10k
100k
1M
Frequency (Hz)
120
100
80
60
40
20
0
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
0
2
4
6
8
1012
14
16
18
202224
Output Current (mA)
5
4
3
2
1
0
−55
_C
− 55
_C
+125
°C
+25
°C
+125
°C +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com