Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA321E Datasheet(PDF) 1 Page - Texas Instruments

Part # INA321E
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321E Datasheet(HTML) 1 Page - Texas Instruments

  INA321E Datasheet HTML 1Page - Texas Instruments INA321E Datasheet HTML 2Page - Texas Instruments INA321E Datasheet HTML 3Page - Texas Instruments INA321E Datasheet HTML 4Page - Texas Instruments INA321E Datasheet HTML 5Page - Texas Instruments INA321E Datasheet HTML 6Page - Texas Instruments INA321E Datasheet HTML 7Page - Texas Instruments INA321E Datasheet HTML 8Page - Texas Instruments INA321E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
FEATURES
D LOW QUIESCENT CURRENT: 40µA/channel
Shut Down: < 1
µA
D HIGH GAIN ACCURACY: G = 5, 0.02%,
2ppm/
°C
D GAIN SET WITH EXTERNAL RESISTORS
D LOW OFFSET VOLTAGE: ±200µV
D HIGH CMRR: 94dB
D LOW BIAS CURRENT: 10pA
D BANDWIDTH: 500kHz, G = 5V/V
D RAIL-TO-RAIL OUTPUT SWING: (V+) − 0.02V
D WIDE TEMPERATURE RANGE:
−55
°C to +125°C
D SINGLE VERSION IN MSOP-8 PACKAGE AND
DUAL VERSION IN TSSOP-14 PACKAGE
DESCRIPTION
The INA321 family is a series of rail-to-rail output,
micropower CMOS instrumentation amplifiers that offer
wide-range, single-supply, as well as bipolar-supply
operation. The INA321 family provides low-cost, low-noise
amplification of differential signals with micropower
current consumption of 40
µA. When shutdown, the
INA321 has a quiescent current of less than 1
µA.
Returning to normal operations within microseconds, the
shutdown
feature
makes
the
INA321
optimal
for
low-power battery or multiplexing applications.
Configured internally for 5V/V gain, the INA321 offers
exceptional flexibility with user-programmable external
gain resistors. The INA321 reduces common-mode error
over frequency and with CMRR remaining high up to 3kHz,
line noise and line harmonics are rejected.
The low-power design does not compromise on bandwidth
or slew rate, making the INA321 ideal for driving sample
Analog-to-Digital
(A/D)
converters
as
well
as
general-purpose applications. With high precision, low
cost, and small packaging, the INA321 outperforms
discrete
designs,
while
offering
reliability
and
performance.
APPLICATIONS
D INDUSTRIAL SENSOR AMPLIFIERS:
Bridge, RTD, Thermistor, Position
D PHYSIOLOGICAL AMPLIFIERS:
ECG, EEG, EMG
D A/D CONVERTER SIGNAL CONDITIONING
D DIFFERENTIAL LINE RECEIVERS WITH GAIN
D FIELD UTILITY METERS
D PCMCIA CARDS
D COMMUNICATION SYSTEMS
D TEST EQUIPMENT
D AUTOMOTIVE INSTRUMENTATION
CMRR vs FREQUENCY
Frequency (Hz)
1k
10
100
10k
120
100
80
60
40
INA321
Nearest
Competition
10x
Im provement
A2
A1
A3
160k
Ω
REF
VIN−
VIN+
40k
Ω
40k
Ω
Shutdown
V+
VOUT
VOUT =(VIN+ − VIN−) • Gain
Gain =5 +5(R2/R1)
V
−
R2
R1
RG
160k
Ω
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
microPower, Single-Supply, CMOS
Instrumentation Amplifier
www.ti.com
Copyright
 2000-2006, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.


Similar Part No. - INA321E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA321E TI2-INA321E Datasheet
609Kb / 25P
microPower, Single-Supply, CMOS Instrumentation Amplifier
REVISED JANUARY 2006
INA321E/250 TI-INA321E/250 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA321E/250 BURR-BROWN-INA321E/250 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA321E/250 TI2-INA321E/250 Datasheet
609Kb / 25P
microPower, Single-Supply, CMOS Instrumentation Amplifier
REVISED JANUARY 2006
INA321E/250.B TI2-INA321E/250.B Datasheet
609Kb / 25P
microPower, Single-Supply, CMOS Instrumentation Amplifier
REVISED JANUARY 2006
More results

Similar Description - INA321E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV.A
logo
Burr-Brown (TI)
INA122 BURR-BROWN-INA122 Datasheet
223Kb / 9P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA321 TI-INA321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA322 BURR-BROWN-INA322 Datasheet
303Kb / 10P
microPower, Single-Supply, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627_07 Datasheet
1Mb / 24P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
REV. D
logo
Burr-Brown (TI)
INA321 BURR-BROWN-INA321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
INA122 BURR-BROWN-INA122_13 Datasheet
750Kb / 14P
Single Supply, MicroPower INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA322EA TI-INA322EA Datasheet
767Kb / 21P
microPower, Single-Supply, CMOS NTATION AMPLIFIER
logo
Linear Technology
LT1101 LINER-LT1101_15 Datasheet
243Kb / 16P
Precision, Micropower, Single Supply Instrumentation Amplifier
logo
Analog Devices
AD627 AD-AD627_16 Datasheet
977Kb / 25P
Micropower, Single- and Dual-Supply, Rail-to-Rail Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com