Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA791A Datasheet(PDF) 13 Page - Texas Instruments

Part # INA791A
Description  INA791x –4V to 110V, Bidirectional, Ultra-Precise, High Bandwidth Current Sense Amplifier With 75A EZShunt™ Technology
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA791A Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA791A Datasheet HTML 9Page - Texas Instruments INA791A Datasheet HTML 10Page - Texas Instruments INA791A Datasheet HTML 11Page - Texas Instruments INA791A Datasheet HTML 12Page - Texas Instruments INA791A Datasheet HTML 13Page - Texas Instruments INA791A Datasheet HTML 14Page - Texas Instruments INA791A Datasheet HTML 15Page - Texas Instruments INA791A Datasheet HTML 16Page - Texas Instruments INA791A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
6 Detailed Description
6.1 Overview
The INA791x features a precision current sensing design with 400µΩ current-sensing EZShunt™ technology
resistor and supports common-mode voltages up to 110V. The internal amplifier features a precision zero-drift
topology with excellent common-mode rejection ratio (CMRR). High-precision measurements are enabled by
matching the shunt resistor value and the current-sensing amplifier gain across temperature, thus providing
a highly-accurate, system-calibrated method for measuring current. The high-speed current-sensing amplifier
helps output settle fast after the common-mode transients. Flexibility of adjustable gain with two external
resistors allows for the optimization of the desired full-scale output voltage based on the target current range
expected in the application.
6.2 Functional Block Diagram
+
–
Shunt
Resistor
OUT
FB
REF
VS
GND
IS+
IS-
+
–
Alert
IN-
IN+
6.3 Feature Description
6.3.1 Integrated Shunt Resistor
The INA791x features an integrated EZShunt™ technology current-sensing resistor that provides accurate
measurements over the entire specified temperature range of –40°C to +125°C. The integrated current-sensing
resistor provides measurement stability over temperature, and simplifies printed circuit board (PCB) layout and
board constraint difficulties common in high-precision measurements.
The onboard current-sensing resistor is designed as a 4-wire (or Kelvin) connected resistor that enables
accurate measurements through a force-sense connection. Amplifier input pins (IN– and IN+) connected
internally to the sense point of the shunt resistor eliminates many instances of parasitic impedance commonly
found in typical very-low sensing-resistor level measurements. The INA791x is system-calibrated to make sure
that the current-sensing resistor and current-sensing amplifier are both precisely matched to one another. The
in-package integrated sensing resistor must be used with the internal current-sensing amplifier to achieve the
optimized system gain specification.
The INA791x has approximately 550µΩ of package resistance. Of this total package resistance, 400µΩ
resistance from the Kelvin-connected current-sensing resistor is used by the amplifier. The power dissipation
requirements of the system and package are based on the total 550µΩ package resistance between the IS+ and
IS– pins.
www.ti.com
INA791A, INA791B
SBOSAD1A – MAY 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA791A INA791B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com