Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210CIRSWR Datasheet(PDF) 15 Page - Texas Instruments

Part # INA210CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210CIRSWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA210CIRSWR Datasheet HTML 11Page - Texas Instruments INA210CIRSWR Datasheet HTML 12Page - Texas Instruments INA210CIRSWR Datasheet HTML 13Page - Texas Instruments INA210CIRSWR Datasheet HTML 14Page - Texas Instruments INA210CIRSWR Datasheet HTML 15Page - Texas Instruments INA210CIRSWR Datasheet HTML 16Page - Texas Instruments INA210CIRSWR Datasheet HTML 17Page - Texas Instruments INA210CIRSWR Datasheet HTML 18Page - Texas Instruments INA210CIRSWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
With the adjustment factor from Equation 1, including the device internal input resistance, this factor varies with
each gain version, as shown in Table 6-1. Each individual device gain error factor is shown in Table 6-2.
Table 6-1. Input Resistance
PRODUCT
GAIN
RINT (kΩ)
INA210
200
5
INA211
500
2
INA212
1000
1
INA213
50
20
INA214
100
10
INA215
75
13.3
Table 6-2. Device Gain Error Factor
PRODUCT
SIMPLIFIED GAIN ERROR FACTOR
INA210
1000
R
+ 1000
S
INA211
10,000
(13
R
+ 10,000
´
S)
INA212
5000
(9
R
+ 5000
´
S)
INA213
20,000
(17
R
+ 20,000
´
S)
INA214
10,000
(9
R
+ 10,000
´
S)
INA215
8,000
(7 RS) + 8,000
x
The gain error that can be expected from the addition of the external series resistors can then be calculated
based on Equation 2:
Gain Error (%) = 100
(100
Gain Error Factor)
-
´
(2)
For example, using an INA212 and the corresponding gain error equation from Table 6-2, a series resistance of
10 Ω results in a gain error factor of 0.982. The corresponding gain error is then calculated using Equation 2,
resulting in a gain error of approximately 1.77% solely because of the external 10-Ω series resistors. Using an
INA213 with the same 10-Ω series resistor results in a gain error factor of 0.991 and a gain error of 0.84% again
solely because of these external resistors.
www.ti.com
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com