Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210CIRSWR Datasheet(PDF) 18 Page - Texas Instruments

Part # INA210CIRSWR
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210CIRSWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA210CIRSWR Datasheet HTML 14Page - Texas Instruments INA210CIRSWR Datasheet HTML 15Page - Texas Instruments INA210CIRSWR Datasheet HTML 16Page - Texas Instruments INA210CIRSWR Datasheet HTML 17Page - Texas Instruments INA210CIRSWR Datasheet HTML 18Page - Texas Instruments INA210CIRSWR Datasheet HTML 19Page - Texas Instruments INA210CIRSWR Datasheet HTML 20Page - Texas Instruments INA210CIRSWR Datasheet HTML 21Page - Texas Instruments INA210CIRSWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
Device
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1 MW
R
PROTECT
10 W
R
PROTECT
10 W
R
3
1 MW
R
4
Copyright © 2017, Texas Instruments Incorporated
Figure 6-5. INA21x Transient Protection Using Dual Zener Diodes
In the event that low-power zeners do not have sufficient transient absorption capability and a higher power
transzorb must be used, the most package-efficient solution then involves using a single transzorb and back-to-
back diodes between the device inputs. The most space-efficient solutions are dual series-connected diodes in a
single SOT-523 or SOD-523 package. This method is shown in Figure 6-6. In either of these examples, the total
board area required by the INA21x with all protective components is less than that of an SO-8 package, and only
slightly greater than that of an MSOP-8 package.
Device
V+
OUT
GND
IN-
IN+
C
BYPASS
Shutdown
Control
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
1 MW
R
PROTECT
10 W
R
PROTECT
10 W
R
3
1 MW
R
4
Copyright © 2017, Texas Instruments Incorporated
Figure 6-6. INA21x Transient Protection Using a Single Transzorb and Input Clamps
INA210, INA211, INA212, INA213, INA214, INA215
SBOS437K – MAY 2008 – REVISED NOVEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com