Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA210
Description  INA21x-Q1 Automotive-Grade, Voltage Output, Low-Side or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C and VSENSE = VIN+ – VIN–.
INA210-Q1, INA213-Q1, INA214-Q1, and INA215-Q1: VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, (unless otherwise noted)
INA211-Q1 and INA212-Q1: VS = 12 V, VIN+ = 12 V, and VREF = VS / 2, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Gain
INA210-Q1
200
V/V
INA211-Q1
500
INA212-Q1
1000
INA213-Q1
50
INA214-Q1
100
INA215-Q1
75
Gain error
VSENSE = –5 mV to 5 mV (Versions A and B)
TA = –40°C to 125°C
±0.02%
±1%
VSENSE = –5 mV to 5 mV (Version C)
TA = –40°C to 125°C
±0.02%
±0.5%
Gain error vs
temperature(3)
TA = –40°C to 125°C
3
10
ppm/°C
Nonlinearity error
TA = 25°C
±0.01%
Maximum capacitive
load
No sustained oscillation
TA = 25°C
1
nF
VOLTAGE OUTPUT
Output voltage
swing to V+ power-
supply rail(2)
RL = 10 kΩ to GND
TA = –40°C to 125°C
(V+) – 0.05
(V+) – 0.2
V
Output voltage
swing to GND
TA = –40°C to 125°C
(VGND) + 0.005 (VGND) + 0.05
V
FREQUENCY RESPONSE
BW
Bandwidth
CLOAD = 10 pF
INA210-Q1
TA = 25°C
14
kHz
CLOAD = 10 pF
INA211-Q1
7
CLOAD = 10 pF
INA212-Q1
4
CLOAD = 10 pF
INA213-Q1
80
CLOAD = 10 pF
INA214-Q1
30
CLOAD = 10 pF
INA215-Q1
40
SR
Slew rate
TA = 25°C
0.4
V/µs
NOISE, RTI
Voltage noise
density
RTI(1)
TA = 25°C
25
nV/√ Hz
POWER SUPPLY
IQ
Quiescent current
VSENSE = 0 mV
TA = 25°C
65
100
µA
TA = –40°C to
125°C
115
(1)
RTI = referred to input.
(2)
See Figure 5-10 in the Section 5.6 section.
(3)
Not production tested.
INA210-Q1, INA211-Q1, INA212-Q1, INA213-Q1, INA214-Q1, INA215-Q1
SBOS475K – MARCH 2009 – REVISED NOVEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA210-Q1 INA211-Q1 INA212-Q1 INA213-Q1 INA214-Q1 INA215-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com