Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA210 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA210
Description  INA21x-Q1 Automotive-Grade, Voltage Output, Low-Side or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 1 Page - Texas Instruments

  INA210 Datasheet HTML 1Page - Texas Instruments INA210 Datasheet HTML 2Page - Texas Instruments INA210 Datasheet HTML 3Page - Texas Instruments INA210 Datasheet HTML 4Page - Texas Instruments INA210 Datasheet HTML 5Page - Texas Instruments INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
INA21x-Q1 Automotive-Grade, Voltage Output, Low-Side or High-Side Measurement,
Bidirectional, Zero-Drift Series, Current-Shunt Monitors
1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: –40°C to +125°C, TA
• Functional Safety-Capable
– Documentation available to aid functional safety
system design
• Wide common-mode range: –0.3 V to 26 V
• Offset voltage: ±100 µV (maximum)
(enables shunt drops of 10-mV full-scale)
• Accuracy:
– Gain error:
• ±1% (max over temperature, versions A, B)
• ±0.5% (version C)
– Offset drift: 0.5-µV/°C (maximum)
– Gain drift: 10-ppm/°C (maximum)
• Choice of gain:
– INA210-Q1: 200 V/V
– INA211-Q1: 500 V/V
– INA212-Q1: 1000 V/V
– INA213-Q1: 50 V/V
– INA214-Q1: 100 V/V
– INA215-Q1: 75 V/V
• Quiescent current: 100 µA (maximum)
• Package: 6-pin SC70
2 Applications
• Body control module
• Valve control
• Motor control
• Electronic stability control
• Wireless charging transmitters
3 Description
The INA21x-Q1 family of devices is a voltage-output,
current-shunt monitor (also called a current-sense
amplifier) that can sense drops across shunts at
common-mode voltages from –0.3 V to 26 V,
independent of the supply voltage. Five fixed gains
are available: 50 V/V, 75 V/V, 100 V/V, 200 V/V,
500 V/V, and 1000 V/V. This family of devices is
commonly used for overcurrent detection, voltage
feedback control loops, or as a power monitor. The
low offset of the zero-drift architecture enables current
sensing with maximum drops across the shunt as low
as 10-mV full-scale.
The devices operate from a single 2.7-V to 26-V
power supply, drawing a maximum of 100 µA of
supply current. The devices are specified over the
operating temperature range of –40°C to +125°C and
are offered in a 6-pin SC70 package.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA210-Q1
SC70 (6)
2.00 mm × 1.25 mm
INA211-Q1
SC70 (6)
2.00 mm × 1.25 mm
INA212-Q1
SC70 (6)
2.00 mm × 1.25 mm
INA213-Q1
SC70 (6)
2.00 mm × 1.25 mm
INA214-Q1
SC70 (6)
2.00 mm × 1.25 mm
INA215-Q1
SC70 (6)
2.00 mm × 1.25 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
INA21x-Q1
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
2.7 V to 26 V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
SC70
PRODUCT
R and R
3
4
INA210-Q1
INA211-Q1
INA212-Q1
INA213-Q1
INA214-Q1
5 kW
2 kW
1 kW
20 kW
10 kW
R and R
1
2
1 MW
1 MW
1 MW
1 MW
1 MW
GAIN
200
500
1000
50
100
INA215-Q1
13.3 kW
1 MW
75
V
= (I
R
) Gain + V
´
OUT
LOAD
SHUNT
REF
Copyright © 2017, Texas Instruments Incorporated
Simplified Schematic
INA210-Q1, INA211-Q1, INA212-Q1, INA213-Q1, INA214-Q1, INA215-Q1
SBOS475K – MARCH 2009 – REVISED NOVEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210 Datasheet
581Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA210 TI1-INA210 Datasheet
1Mb / 29P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA210 TI-INA210 Datasheet
961Kb / 33P
High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA210 TI1-INA210 Datasheet
1Mb / 30P
Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results

Similar Description - INA210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI-INA210_08 Datasheet
583Kb / 17P
Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA210 TI-INA210_15 Datasheet
1Mb / 37P
INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA210-Q1 TI1-INA210-Q1 Datasheet
1Mb / 31P
Automotive-Grade, Voltage Output, Low- or High-Side Measurement
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA191 TI1-INA191 Datasheet
461Kb / 22P
Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com