Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA849 Datasheet(PDF) 3 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 3 Page - Texas Instruments

  INA849 Datasheet HTML 1Page - Texas Instruments INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Device Comparison Table
DEVICE
DESCRIPTION
GAIN EQUATION
RG PINS AT PIN
INA159
G = 0.2 V differential amplifier for ±10-V to 3-V and 5-V conversion
G = 0.2 V/V
N/A
INA819
35-µV offset, 0.4-µV/°C VOS drift, 8-nV/√Hz noise, low-power, precision
instrumentation amplifier
G = 1 + 50 kΩ / RG
2, 3
INA818
35-µV offset, 0.4-µV/°C VOS drift, 8-nV/√Hz noise, low-power, precision
instrumentation amplifier
G = 1 + 50 kΩ / RG
1, 8
INA821
35-µV offset, 0.4-µV/°C VOS drift, 7-nV/√Hz noise, high-bandwidth,
precision instrumentation amplifier
G = 1 + 49.4 kΩ / RG
2, 3
INA828
50-µV offset, 0.5-µV/°C VOS drift, 7-nV/√Hz noise, low-power, precision
instrumentation amplifier
G = 1 + 50 kΩ / RG
1, 8
INA333
25-µV VOS, 0.1-µV/°C VOS drift, 1.8-V to 5-V, RRO, 50-µA IQ, chopper-
stabilized INA
G = 1 + 100 kΩ / RG
1, 8
INA848
Ultra-low-noise (1.5-nV/√Hz), high-bandwidth instrumentation amplifier with
fixed gain of 2000
G = 2000 V/V
N/A
PGA280
Zero-drift, high-voltage programmable gain instrumentation amplifier with
signal integrity test capability (overload detection, input switch matrix, wire
break test, SPI with checksum, GPIO ports)
Digitally programmable
N/A
PGA112
Precision programmable gain op amp with SPI
Digitally programmable
N/A
6 Pin Configuration and Functions
1
±IN
8
+VS
2
RG
7
OUT
3
RG
6
REF
4
+IN
5
±VS
Not to scale
Figure 6-1. D Package (8-Pin SOIC) and DGK Package (8-Pin VSSOP), Top View
Table 6-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
–IN
1
I
Negative (inverting) input
+IN
4
I
Positive (noninverting) input
OUT
7
O
Output
RG
2, 3
—
Gain setting pin. Place a gain resistor between pin 2 and pin 3.
REF
6
I
Reference input. This pin must be driven by a low impedance source.
–VS
5
—
Negative supply
+VS
8
—
Positive supply
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com