Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA849 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA849
Description  INA849 Ultra-Low-Noise (1 nV/√Hz), High-Bandwidth, Instrumentation Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA849 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, connected to ground, VREF = 0 V, VCM = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REFERENCE INPUT
RIN
Input impedance
10
kΩ
Input current
80
µA
Reference input voltage
(V–)
(V+)
V
Gain to output
1
V/V
Reference gain error
VO = ±10 V, inside the voltage swing
range
0.01
0.05
%
POWER SUPPLY
IQ
Quiescent current
(7)
VIN = 0 V
6.2
6.6
mA
TA = –40°C to +125°C
8.9
(1)
Total offset, referred-to-input (RTI): VOS = (VOSI) + (VOSO / G).
(2)
Specified by characterization. Not tested in production.
(3)
Offset drifts are uncorrelated. Input-referred offset drift is calculated using: ΔVOS(RTI) = √[ΔVOSI 2 + (ΔVOSO / G)2].
(4)
Input voltage range of the input stage. The input range depends on the common-mode voltage, differential voltage, gain, and reference
voltage; see Figure 7-12.
(5)
The values specified for G > 1 do not include the effects of the external gain resistor, RG.
(6)
Thermal effects can degrade input stage nonlinearity and thus can scale with gain; See Figure 9-5.
(7)
This parameter is tested in a high speed automatic test environment and does not measure the thermal effects with a longer a time
constant. The thermal effect depends on supply voltage, layout, heat sinking and air flow conditions.
(8)
Total RTI voltage noise is equal to: eN(RTI) = √[eNI 2 + (eNO / G)2].
(9)
Input current noise density specified for unbalanced input impedance. Bias current cancellation improves noise performance for
balanced systems; See Figure 7-25.
www.ti.com
INA849
SBOS945B – NOVEMBER 2020 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA849



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com