Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151VD Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 63Page - STMicroelectronics STM32L151VD Datasheet HTML 64Page - STMicroelectronics STM32L151VD Datasheet HTML 65Page - STMicroelectronics STM32L151VD Datasheet HTML 66Page - STMicroelectronics STM32L151VD Datasheet HTML 67Page - STMicroelectronics STM32L151VD Datasheet HTML 68Page - STMicroelectronics STM32L151VD Datasheet HTML 69Page - STMicroelectronics STM32L151VD Datasheet HTML 70Page - STMicroelectronics STM32L151VD Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 154 page
background image
DocID022027 Rev 11
67/154
STM32L151xD STM32L152xD
Electrical characteristics
129
Table 17. Current consumption in Run mode, code with data processing running from Flash
Symbol
Parameter
Conditions
fHCLK
[MHz]
Typ
Max
(1)
Unit
IDD (Run
from
Flash)
Supply current in
Run mode code
executed from Flash
fHSE = fHCLK up to 16MHz,
included fHSE = fHCLK/2 above
16 MHz (PLL ON)(2)
Range3,
VCORE=1.2 V
VOS[1:0]=11
1
290
500
μA
2
505
750
4
955
1200
Range2,
VCORE=1.5 V
VOS[1:0]=10
41.15
1.6
mA
82.3
2.9
16
4.25
5.2
Range1,
VCORE=1.8 V
VOS[1:0]=01
82.65
3.5
16
5.35
6.5
32
10.5
12
HSI clock source (16 MHz)
Range2,
VCORE=1.5 V
VOS[1:0]=10
16
4.35
5.2
Range1,
VCORE=1.8 V
VOS[1:0]=01
32
10.5
12.3
MSI clock, 65 kHZ
Range3,
VCORE=1.2 V
VOS[1:0]=11
0.065
46
130
μA
MSI clock, 524 kHZ
0.524
160
250
MSI clock, 4.2 MHZ
4.2
965
1200
1. Guaranteed by characterization results, unless otherwise specified.
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com