Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151VD Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 66Page - STMicroelectronics STM32L151VD Datasheet HTML 67Page - STMicroelectronics STM32L151VD Datasheet HTML 68Page - STMicroelectronics STM32L151VD Datasheet HTML 69Page - STMicroelectronics STM32L151VD Datasheet HTML 70Page - STMicroelectronics STM32L151VD Datasheet HTML 71Page - STMicroelectronics STM32L151VD Datasheet HTML 72Page - STMicroelectronics STM32L151VD Datasheet HTML 73Page - STMicroelectronics STM32L151VD Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
70/154
DocID022027 Rev 11
2. Oscillator bypassed (HSEBYP = 1 in RCC_CR register)
Table 20. Current consumption in Low-power run mode
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
IDD (LP
Run)
Supply
current in
Low-power
run mode
All
peripherals
OFF, code
executed
from RAM,
Flash
switched
OFF, VDD
from 1.65 V
to 3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
11
14
µA
TA = 85 °C
26
32
TA = 105 °C
53
72
MSI clock, 65 kHz
fHCLK = 65 kHz
TA =-40 °C to 25 °C
18
21
TA = 85 °C
33
40
TA = 105 °C
60
78
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
36
41
TA = 55 °C
39
44
TA = 85 °C
50
58
TA = 105 °C
78
95
All
peripherals
OFF, code
executed
from Flash,
VDD from
1.65 V to
3.6 V
MSI clock, 65 kHz
fHCLK = 32 kHz
TA = -40 °C to 25 °C
36
40.5
TA = 85 °C
53
60
TA = 105 °C
81
100
MSI clock, 65 kHz
fHCLK = 65 kHz
TA = -40 °C to 25 °C
44
49
TA = 85 °C
61
67
TA = 105 °C
89
107
MSI clock, 131 kHz
fHCLK = 131 kHz
TA = -40 °C to 25 °C
64
71
TA = 55 °C
68
73
TA = 85 °C
80
88
TA = 105 °C
101
110
IDD max
(LP Run)
Max allowed
current in
Low-power
run mode
VDD from
1.65 V to
3.6 V
-
-
-
200
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com