Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L151VD Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 102Page - STMicroelectronics STM32L151VD Datasheet HTML 103Page - STMicroelectronics STM32L151VD Datasheet HTML 104Page - STMicroelectronics STM32L151VD Datasheet HTML 105Page - STMicroelectronics STM32L151VD Datasheet HTML 106Page - STMicroelectronics STM32L151VD Datasheet HTML 107Page - STMicroelectronics STM32L151VD Datasheet HTML 108Page - STMicroelectronics STM32L151VD Datasheet HTML 109Page - STMicroelectronics STM32L151VD Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
106/154
DocID022027 Rev 11
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 26 and
Table 52, respectively.
Unless otherwise specified, the parameters given in Table 52 are derived from tests
performed under the conditions summarized in Table 13.
Table 52. I/O AC characteristics(1)
OSPEEDRx
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Max(2) Unit
00
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
-
400
kHz
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
400
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF, VDD = 2.7 V to 3.6 V
-
625
ns
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
625
01
fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
-
2
MHz
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
1
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF, VDD = 2.7 V to 3.6 V
-
125
ns
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
250
10
Fmax(IO)out Maximum frequency(3)
CL = 50 pF, VDD = 2.7 V to 3.6 V
-
10
MHz
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
2
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 50 pF, VDD = 2.7 V to 3.6 V
-
25
ns
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
125
11
Fmax(IO)out Maximum frequency(3)
CL = 30 pF, VDD = 2.7 V to 3.6 V
-
50
MHz
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
8
tf(IO)out
tr(IO)out
Output rise and fall time
CL = 30 pF, VDD = 2.7 V to 3.6 V
-
5
ns
CL = 50 pF, VDD = 1.65 V to 2.7 V
-
30
-tEXTIpw
Pulse width of external
signals detected by the
EXTI controller
-8
-
1. The I/O speed is configured using the OSPEEDRx[1:0] bits. Refer to the STM32L151xx, STM32L152xx and STM32L162xx
reference manual for a description of GPIO Port configuration register.
2. Guaranteed by design.
3. The maximum frequency is defined in Figure 26.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com