Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152QD Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32L152QD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152QD Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32L152QD Datasheet HTML 64Page - STMicroelectronics STM32L152QD Datasheet HTML 65Page - STMicroelectronics STM32L152QD Datasheet HTML 66Page - STMicroelectronics STM32L152QD Datasheet HTML 67Page - STMicroelectronics STM32L152QD Datasheet HTML 68Page - STMicroelectronics STM32L152QD Datasheet HTML 69Page - STMicroelectronics STM32L152QD Datasheet HTML 70Page - STMicroelectronics STM32L152QD Datasheet HTML 71Page - STMicroelectronics STM32L152QD Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
68/154
DocID022027 Rev 11
Table 18. Current consumption in Run mode, code with data processing running from RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Max
Unit
IDD (Run
from RAM)
Supply current in
Run mode code
executed from
RAM
fHSE = fHCLK up to 16 MHz,
included f
HSE = fHCLK/2 above
16MHz (PLL ON)(1)
Range3,
VCORE=1.2 V
VOS[1:0]=11
1
230
470
μA
2
415
780
4
800
1200
Range2,
VCORE=1.5 V
VOS[1:0]=10
4
0.935
1.5
mA
81.9
3
16
3.75
5
Range1,
VCORE=1.8 V
VOS[1:0]=01
8
2.25
3.5
16
4.45
5.55
32
9.05
10.9
HSI clock source (16 MHz)
Range2,
VCORE=1.5 V
VOS[1:0]=10
16
3.75
4.8
Range1,
VCORE=1.8 V
VOS[1:0]=01
32
8.95
11.7
MSI clock, 65 kHZ
Range3,
VCORE=1.2 V
VOS[1:0]=11
0.065
43.5
100
μA
MSI clock, 524 kHZ
0.524
135
215
MSI clock, 4.2 MHZ
4.2
835
1100
1. Oscillator bypassed (HSEBYP = 1 in RCC_CR register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com