Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152QD Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32L152QD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152QD Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32L152QD Datasheet HTML 9Page - STMicroelectronics STM32L152QD Datasheet HTML 10Page - STMicroelectronics STM32L152QD Datasheet HTML 11Page - STMicroelectronics STM32L152QD Datasheet HTML 12Page - STMicroelectronics STM32L152QD Datasheet HTML 13Page - STMicroelectronics STM32L152QD Datasheet HTML 14Page - STMicroelectronics STM32L152QD Datasheet HTML 15Page - STMicroelectronics STM32L152QD Datasheet HTML 16Page - STMicroelectronics STM32L152QD Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 154 page
background image
DocID022027 Rev 11
13/154
STM32L151xD STM32L152xD
Description
57
2.2
Ultra-low-power device continuum
The ultra-low-power family offers a large choice of cores and features. From proprietary 8-
bit to up to Cortex-M3, including the Cortex-M0+, the STM32Lx series are the best choice to
answer the user needs, in terms of ultra-low-power features. The STM32 ultra-low-power
series are the best fit, for instance, for gas/water meter, keyboard/mouse or fitness and
healthcare, wearable applications. Several built-in features like LCD drivers, dual-bank
memory, Low-power run mode, op-amp, AES 128-bit, DAC, USB crystal-less and many
others will clearly allow to build very cost-optimized applications by reducing BOM.
Note:
STMicroelectronics as a reliable and long-term manufacturer ensures as much as possible
the pin-to-pin compatibility between any STM8Lxxxxx and STM32Lxxxxx devices and
between any of the STM32Lx and STM32Fx series. Thanks to this unprecedented
scalability, the old applications can be upgraded to respond to the latest market features and
efficiency demand.
2.2.1
Performance
All families incorporate highly energy-efficient cores with both Harvard architecture and
pipelined execution: advanced STM8 core for STM8L families and ARM Cortex-M3 core for
STM32L family. In addition specific care for the design architecture has been taken to
optimize the mA/DMIPS and mA/MHz ratios.
This allows the ultra-low-power performance to range from 5 up to 33.3 DMIPs.
2.2.2
Shared peripherals
STM8L15xxx, STM32L15xxx and STM32L162xx share identical peripherals which ensure a
very easy migration from one family to another:
•
Analog peripherals: ADC, DAC and comparators
•
Digital peripherals: RTC and some communication interfaces
Operating temperatures
Ambient operating temperature: -40 °C to 85 °C / -40 °C to 105 °C
Junction temperature: –40 to + 110 °C
Packages
LQFP64,
WLCSP64
LQFP100
UFBGA132
LQFP144
1. 5 SPIs are USART configured in synchronous mode emulating SPI master.
Table 2. Ultra-low-power STM32L151xD and STM32L152xD device features
and peripheral counts (continued)
Peripheral
STM32L15xRD
STM32L15xVD
STM32L15xQD
STM32L15xZD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com