Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L152QD Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32L152QD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L152QD Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32L152QD Datasheet HTML 122Page - STMicroelectronics STM32L152QD Datasheet HTML 123Page - STMicroelectronics STM32L152QD Datasheet HTML 124Page - STMicroelectronics STM32L152QD Datasheet HTML 125Page - STMicroelectronics STM32L152QD Datasheet HTML 126Page - STMicroelectronics STM32L152QD Datasheet HTML 127Page - STMicroelectronics STM32L152QD Datasheet HTML 128Page - STMicroelectronics STM32L152QD Datasheet HTML 129Page - STMicroelectronics STM32L152QD Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 154 page
background image
Electrical characteristics
STM32L151xD STM32L152xD
126/154
DocID022027 Rev 11
PSRR
Power supply
rejection ratio
Normal mode
DC
--85
-
dB
Low-power mode
-
-90
-
GBW
Bandwidth
Normal mode
VDD>2.4 V
400
1000
3000
kHZ
Low-power mode
150
300
800
Normal mode
VDD<2.4 V
200
500
2200
Low-power mode
70
150
800
SR
Slew rate
Normal mode
VDD>2.4 V
(between 0.1 V and
VDD-0.1 V)
-
700
-
V/ms
Low-power mode
VDD>2.4 V
-
100
-
Normal mode
VDD<2.4 V
-
300
-
Low-power mode
-
50
-
AO
Open loop gain
Normal mode
55
100
-
dB
Low-power mode
65
110
-
RL
Resistive load
Normal mode
VDD<2.4 V
4-
-
k
Ω
Low-power mode
20
-
-
CL
Capacitive load
-
-
-
50
pF
VOHSAT
High saturation
voltage
Normal mode
ILOAD = max or
RL = min
VDD-
100
--
mV
Low-power mode
VDD-50
-
-
VOLSAT
Low saturation
voltage
Normal mode
-
-
100
Low-power mode
-
-
50
ϕm
Phase margin
-
-
60
-
°
GM
Gain margin
-
-
-12
-
dB
tOFFTRIM
Offset trim time: during calibration,
minimum time needed between two
steps to have 1 mV accuracy
--
1
-
ms
tWAKEUP
Wakeup time
Normal mode
CL ≤50 pf,
RL ≥ 4 kΩ
-10
-
µs
Low-power mode
CL ≤50 pf,
RL ≥ 20 kΩ
-30
-
1. Operating conditions are limited to junction temperature (0 °C to 105 °C) when VDD is below 2 V. Otherwise to the full
ambient temperature range (-40 °C to 85 °C, -40 °C to 105 °C).
2. Guaranteed by characterization results.
Table 68. Operational amplifier characteristics (continued)
Symbol
Parameter
Condition(1)
Min(2)
Typ
Max(2)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com