Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740DWR.B Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO7740DWR.B
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740DWR.B Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO7740DWR.B Datasheet HTML 24Page - Texas Instruments ISO7740DWR.B Datasheet HTML 25Page - Texas Instruments ISO7740DWR.B Datasheet HTML 26Page - Texas Instruments ISO7740DWR.B Datasheet HTML 27Page - Texas Instruments ISO7740DWR.B Datasheet HTML 28Page - Texas Instruments ISO7740DWR.B Datasheet HTML 29Page - Texas Instruments ISO7740DWR.B Datasheet HTML 30Page - Texas Instruments ISO7740DWR.B Datasheet HTML 31Page - Texas Instruments ISO7740DWR.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
7.3 Feature Description
Table 7-1 provides an overview of the device features.
Table 7-1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM DATA
RATE
DEFAULT
OUTPUT
PACKAGE
RATED ISOLATION
ISO7740
4 Forward,
0 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7740 with F suffix
4 Forward,
0 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7741
3 Forward,
1 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7741 with F suffix
3 Forward,
1 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7741B
3 Forward,
1 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
ISO7741B with F
suffix
3 Forward,
1 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
ISO7742
2 Forward,
2 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
ISO7742 with F suffix
2 Forward,
2 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
3000 VRMS / 4242 VPK
7.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO774x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
• Robust ESD protection cells for input and output signal pins and inter-chip bond pads.
• Low-resistance connectivity of ESD cells to supply and ground pins.
• Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
• Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
• PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
• Reduced common mode currents across the isolation barrier by providing purely differential internal
operation.
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
28
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com