Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740DWR.B Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7740DWR.B
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740DWR.B Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7740DWR.B Datasheet HTML 3Page - Texas Instruments ISO7740DWR.B Datasheet HTML 4Page - Texas Instruments ISO7740DWR.B Datasheet HTML 5Page - Texas Instruments ISO7740DWR.B Datasheet HTML 6Page - Texas Instruments ISO7740DWR.B Datasheet HTML 7Page - Texas Instruments ISO7740DWR.B Datasheet HTML 8Page - Texas Instruments ISO7740DWR.B Datasheet HTML 9Page - Texas Instruments ISO7740DWR.B Datasheet HTML 10Page - Texas Instruments ISO7740DWR.B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC1, VCC2 Supply Voltage
2.25
5.5
V
VCC(UVLO+) UVLO threshold when supply voltage is rising
2
2.25
V
VCC(UVLO-)
UVLO threshold when supply voltage is falling
1.7
1.8
V
VHYS(UVLO) Supply voltage UVLO hysteresis
100
200
mV
IOH
High level output current
VCCO = 5 V (1)
-4
mA
VCCO = 3.3 V
-2
VCCO = 2.5 V
-1
IOL
Low level output current
VCCO = 5 V
4
mA
VCCO = 3.3 V
2
VCCO = 2.5 V
1
VIH
High level Input voltage
0.7 x VCCI (1)
VCCI
V
VIL
Low level Input voltage
0
0.3 x VCCI
V
DR
Data Rate(2)
0
100
Mbps
TA
Ambient temperature
-55
25
125
°C
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
(2)
100 Mbps is the maximum specified data rate, although higher data rates are possible.
www.ti.com
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com