Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7730FDWR Datasheet(PDF) 23 Page - Texas Instruments

Part # ISO7730FDWR
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ISO7730FDWR Datasheet HTML 19Page - Texas Instruments ISO7730FDWR Datasheet HTML 20Page - Texas Instruments ISO7730FDWR Datasheet HTML 21Page - Texas Instruments ISO7730FDWR Datasheet HTML 22Page - Texas Instruments ISO7730FDWR Datasheet HTML 23Page - Texas Instruments ISO7730FDWR Datasheet HTML 24Page - Texas Instruments ISO7730FDWR Datasheet HTML 25Page - Texas Instruments ISO7730FDWR Datasheet HTML 26Page - Texas Instruments ISO7730FDWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
6 Parameter Measurement Information
IN
OUT
CL
See Note B
VO
VI
VOL
VOH
VCCI
0V
tr
50
Input
Generator
(See Note A)
VI
VO
tf
tPLH
tPHL
50%
50%
50%
50%
90%
10%
A.
The input pulse is supplied by a generator having the following characteristics: PRR ≤ 50 kHz, 50% duty cycle, tr ≤ 3 ns, tf ≤ 3ns, ZO =
50 Ω. At the input, 50 Ω resistor is required to terminate Input Generator signal. The 50 Ω resistor is not needed in actual application.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 6-1. Switching Characteristics Test Circuit and Voltage Waveforms
Input
Generator
(See Note A)
Input
Generator
(See Note A)
IN
OUT
IN
OUT
VO
VO
CL
See Note B
CL
See Note B
50
50
0V
3V
EN
EN
VCCO
RL = 1k ±1%
RL = 1k ±1%
VI
VI
VO
VI
tPZL
VCC / 2
50%
VCC
VCC / 2
VOH
0V
VOL
tPLZ
0.5V
VO
VI
tPZH
VCC / 2
50%
VCC
VCC / 2
VOH
0V
0V
tPHZ
0.5V
A.
The input pulse is supplied by a generator having the following characteristics: PRR ≤ 10 kHz, 50% duty cycle, tr ≤ 3 ns, tf ≤ 3 ns, ZO =
50 Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 6-2. Enable/Disable Propagation Delay Time Test Circuit and Waveform
www.ti.com
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com