Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7730FDWR Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7730FDWR
Description  ISO773x High-Speed, Robust-EMC Reinforced and Basic Triple-Channel Digital Isolators
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7730FDWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7730FDWR Datasheet HTML 2Page - Texas Instruments ISO7730FDWR Datasheet HTML 3Page - Texas Instruments ISO7730FDWR Datasheet HTML 4Page - Texas Instruments ISO7730FDWR Datasheet HTML 5Page - Texas Instruments ISO7730FDWR Datasheet HTML 6Page - Texas Instruments ISO7730FDWR Datasheet HTML 7Page - Texas Instruments ISO7730FDWR Datasheet HTML 8Page - Texas Instruments ISO7730FDWR Datasheet HTML 9Page - Texas Instruments ISO7730FDWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
ISO773x
UNIT
DW (SOIC)
DBQ (QSOP)
16 PINS
16 PINS
RθJA
Junction-to-ambient thermal resistance
81.4
109
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
44.9
46.8
°C/W
RθJB
Junction-to-board thermal resistance
45.9
60.6
°C/W
ψJT
Junction-to-top characterization parameter
28.1
35.9
°C/W
ψJB
Junction-to-board characterization parameter
45.5
60
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
-
-
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7730
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, input a 50-MHz 50% duty cycle
square wave
160
mW
PD1
Maximum power dissipation (side-1)
30
mW
PD2
Maximum power dissipation (side-2)
130
mW
ISO7731
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL =
15 pF, input a 50-MHz 50% duty cycle
square wave
160
mW
PD1
Maximum power dissipation (side-1)
60
mW
PD2
Maximum power dissipation (side-2)
100
mW
ISO7730, ISO7731
SLLSES0K – SEPTEMBER 2016 – REVISED SEPTEMBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: ISO7730 ISO7731



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com