Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDBQRG4 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO7740FDBQRG4
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDBQRG4 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO7740FDBQRG4 Datasheet HTML 28Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 29Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 30Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 31Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 32Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 33Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 34Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 35Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
8.2.1 Design Requirements
To design with these devices, use the parameters listed in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltage, VCC1 and VCC2
2.25 to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
8.2.2 Detailed Design Procedure
Unlike optocouplers, which require external components to improve performance, provide bias, or limit current,
the ISO774x family of devices only require two external bypass capacitors to operate.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
INA
INB
INC
OUTD
OUTA
OUTB
OUTC
IND
GND2
VCC2
2 mm maximum
from VCC2
EN2
GND2
EN1
GND1
2 mm maximum
from VCC1
GND1
VCC1
0.1 µF
0.1 µF
Figure 8-2. Typical ISO774x Circuit Hook-up
The DWW package provides wider creepage and clearance without the need for two isolators in series or an
extra isolated power supply, saving design cost and board space. For more details, please refer to the technical
document How to Meet the Higher Isolation Creepage & Clearance Needs in Automotive Applications.
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com