Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7740FDBQRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO7740FDBQRG4
Description  ISO774x High-Speed, Robust-EMC Reinforced and Basic Quad-Channel Digital Isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7740FDBQRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7740FDBQRG4 Datasheet HTML 2Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 3Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 4Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 5Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 6Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 7Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 8Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 9Page - Texas Instruments ISO7740FDBQRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
See(1)
MIN
MAX
UNIT
VCC1, VCC2
Supply voltage (2)
-0.5
6
V
V
Voltage at INx, OUTx, ENx
-0.5
VCCX + 0.5 (3)
V
IO
Output current
-15
15
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
-65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values
(3)
Maximum voltage must not exceed 6 V.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001, all pins
±6000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins
±1500
Contact discharge per IEC 61000-4-2;
Isolation barrier withstand test(1) (2)
±8000
(1)
IEC ESD strike is applied across the barrier with all pins on each side tied together creating a two-terminal device.
(2)
Testing is carried out in air or oil to determine the intrinsic contact discharge capability of the device.
ISO7740, ISO7741, ISO7742
SLLSEP4J – MARCH 2016 – REVISED OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7740 ISO7741 ISO7742



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com