Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7760FDBQR Datasheet(PDF) 29 Page - Texas Instruments

Part # ISO7760FDBQR
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760FDBQR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ISO7760FDBQR Datasheet HTML 25Page - Texas Instruments ISO7760FDBQR Datasheet HTML 26Page - Texas Instruments ISO7760FDBQR Datasheet HTML 27Page - Texas Instruments ISO7760FDBQR Datasheet HTML 28Page - Texas Instruments ISO7760FDBQR Datasheet HTML 29Page - Texas Instruments ISO7760FDBQR Datasheet HTML 30Page - Texas Instruments ISO7760FDBQR Datasheet HTML 31Page - Texas Instruments ISO7760FDBQR Datasheet HTML 32Page - Texas Instruments ISO7760FDBQR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
7.4 Device Functional Modes
Table 7-2 lists the functional modes for the ISO776x.
Table 7-2. Function Table
VCCI
VCCO
INPUT
(INx)(2)
OUTPUT
(OUTx)
COMMENTS
PU
PU
H
H
Normal Operation:
A channel output assumes the logic state of the input.
L
L
Open
Default
Default mode: When INx is open, the corresponding channel output goes to
its default logic state. Default is High for ISO776x and Low for ISO776x with F
suffix.
PD
PU
X
Default
Default mode: When VCCI is unpowered, a channel output assumes the logic
state based on the selected default option. Default is High for ISO776x and
Low for ISO776x with F suffix.
When VCCI transitions from unpowered to powered-up, a channel output
assumes the logic state of its input.
When VCCI transitions from powered-up to unpowered, channel output
assumes the selected default state.
X
PD
X
Undetermined
When VCCO is unpowered, a channel output is undetermined (1).
When VCCO transitions from unpowered to powered-up, a channel output
assumes the logic state of the input
(1)
The outputs are in undetermined state when 1.7 V < VCCI, VCCO < 2.25 V.
(2)
A strongly driven input signal can weakly power the floating VCC via an internal protection diode and cause undetermined output.
7.4.1 Device I/O Schematics
Output
985
1.5 M
INx
VCCI
VCCI
VCCI
Input (Devices without F suffix)
985
1.5 M
INx
VCCI
VCCI
VCCI
VCCI
Input (Devices with F suffix)
VCCO
~20
OUTx
Copyright © 2016, Texas Instruments Incorporated
Figure 7-3. Device I/O Schematics
www.ti.com
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com