Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7760FDBQR Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO7760FDBQR
Description  ISO776x High-speed, robust EMC, reinforced six-channel digital isolators
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7760FDBQR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO7760FDBQR Datasheet HTML 9Page - Texas Instruments ISO7760FDBQR Datasheet HTML 10Page - Texas Instruments ISO7760FDBQR Datasheet HTML 11Page - Texas Instruments ISO7760FDBQR Datasheet HTML 12Page - Texas Instruments ISO7760FDBQR Datasheet HTML 13Page - Texas Instruments ISO7760FDBQR Datasheet HTML 14Page - Texas Instruments ISO7760FDBQR Datasheet HTML 15Page - Texas Instruments ISO7760FDBQR Datasheet HTML 16Page - Texas Instruments ISO7760FDBQR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
5.9 Electrical Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = -4 mA; See Figure 6-1
VCCO (1) - 0.4
4.8
V
VOL
Low-level output voltage
IOL = 4 mA; See Figure 6-1
0.2
0.4
V
VIT+(IN)
Rising input switching threshold
0.6 x VCCI
0.7 x VCCI
V
VIT-(IN)
Falling input switching threshold
0.3 x VCCI
0.4 x VCCI
V
VI(HYS)
Input threshold voltage hysteresis
0.1 x VCCI
0.2 x VCCI
V
IIH
High-level input current
VIH = VCCI (1) at INx
10
µA
IIL
Low-level input current
VIL = 0 V at INx
-10
µA
CMTI
Common mode transient immunity
VI = VCCI or 0 V, VCM = 1200 V;
See Figure 6-3
85
100
kV/μs
CI
Input Capacitance (2)
VI = VCC/ 2 + 0.4 × sin(2πft), f =
1 MHz, VCC = 5 V
2
pF
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
(2)
Measured from input pin to same side ground.
5.10 Supply Current Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7760
Supply current - DC signal
VI = VCC1 (ISO7760);
VI = 0 V (ISO7760 with F suffix)
ICC1
1.6
2.9
mA
ICC2
3
5.3
VI = 0 V (ISO7760);
VI = VCC1 (ISO7760 with F suffix)
ICC1
8
11.3
ICC2
3.3
5.7
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
5
6.5
ICC2
3.5
5.9
10 Mbps
ICC1
5.2
6.7
ICC2
6.4
9.7
100 Mbps
ICC1
7
9.2
ICC2
35
47
ISO7761
Supply current - DC signal
VI = VCCI (1)(ISO7761);
VI = 0 V (ISO7761 with F suffix)
ICC1
1.9
3.5
mA
ICC2
2.9
5.4
VI = 0 V (ISO7761);
VI = VCCI (ISO7761 with F suffix)
ICC1
7.3
10.6
ICC2
4.2
6.9
Supply current - AC signal
All channels switching with square
wave clock input; CL = 15 pF
1 Mbps
ICC1
4.7
6.6
ICC2
3.8
6.5
10 Mbps
ICC1
5.3
8
ICC2
6.3
9.6
100 Mbps
ICC1
11.5
15.6
ICC2
30.5
40.3
ISO7762
www.ti.com
ISO7760, ISO7761, ISO7762, ISO7763
SLLSER1H – AUGUST 2017 – REVISED JANUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com