Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720FDWVR Datasheet(PDF) 48 Page - Texas Instruments

Part # ISO7720FDWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720FDWVR Datasheet(HTML) 48 Page - Texas Instruments

Back Button ISO7720FDWVR Datasheet HTML 43Page - Texas Instruments ISO7720FDWVR Datasheet HTML 44Page - Texas Instruments ISO7720FDWVR Datasheet HTML 45Page - Texas Instruments ISO7720FDWVR Datasheet HTML 46Page - Texas Instruments ISO7720FDWVR Datasheet HTML 47Page - Texas Instruments ISO7720FDWVR Datasheet HTML 48Page - Texas Instruments ISO7720FDWVR Datasheet HTML 49Page - Texas Instruments ISO7720FDWVR Datasheet HTML 50Page - Texas Instruments ISO7720FDWVR Datasheet HTML 51Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
11.5 0.25
2.8 MAX
TYP
0.33
0.13
0 -8
6X 1.27
8X 0.51
0.31
2X
3.81
0.46
0.36
1.0
0.5
0.25
GAGE PLANE
A
NOTE 3
5.95
5.75
B
NOTE 4
7.6
7.4
(2.286)
(2)
4218796/A 09/2013
SOIC - 2.8 mm max height
DWV0008A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm, per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm, per side.
1
8
0.25
C A
B
5
4
AREA
PIN 1 ID
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com