Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7720FDWVR Datasheet(PDF) 10 Page - Texas Instruments

Part # ISO7720FDWVR
Description  ISO772x High-Speed, Robust EMC, Reinforced and Basic Dual-Channel Digital Isolators
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7720FDWVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7720FDWVR Datasheet HTML 6Page - Texas Instruments ISO7720FDWVR Datasheet HTML 7Page - Texas Instruments ISO7720FDWVR Datasheet HTML 8Page - Texas Instruments ISO7720FDWVR Datasheet HTML 9Page - Texas Instruments ISO7720FDWVR Datasheet HTML 10Page - Texas Instruments ISO7720FDWVR Datasheet HTML 11Page - Texas Instruments ISO7720FDWVR Datasheet HTML 12Page - Texas Instruments ISO7720FDWVR Datasheet HTML 13Page - Texas Instruments ISO7720FDWVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW
DWV
D
IEC 60664-1
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
8
8.5
4
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the package
surface
8
8.5
4
mm
DTI
Distance through the
insulation
Minimum internal gap (internal clearance)
17
17
17
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
>600
>600
>600
V
Material Group
According to IEC 60664-1
I
I
I
Overvoltage category per IEC
60664-1
Rated mains voltage ≤ 150 VRMS
I–IV
I–IV
I-IV
Rated mains voltage ≤ 300 VRMS
I–IV
I–IV
I-III
Rated mains voltage ≤ 600 VRMS
I–IV
I–IV
n/a
Rated mains voltage ≤ 1000 VRMS
I-III
I-III
n/a
DIN EN IEC 60747-17 (VDE 0884-17)(2)
VIORM
Maximum repetitive peak
isolation voltage
AC voltage (bipolar)
ISO772x
2121
2121
637
VPK
ISO7721B
1414
n/a
n/a
VIOWM
Maximum working isolation
voltage
AC voltage; time-dependent dielectric
breakdown (TDDB) test, see Figure 9-6
ISO772x
1500
1500
450
VRMS
ISO7721B
1000
n/a
n/a
DC voltage
ISO772x
2121
2121
637
VDC
ISO7721B
1414
n/a
n/a
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM , t = 60 s (qualification);
VTEST = 1.2 × VIOTM, t = 1 s (100% production)
8000
7071
4242
VPK
VIMP
Maximum impulse voltage (3)
Tested in air, 1.2/50-μs waveform per
IEC 62368-1
ISO772x
8000
8000
5000
VPK
ISO7721B
6000
n/a
n/a
VIOSM
Maximum surge isolation
voltage(4)
VIOSM ≥ 1.3 x VIMP; Tested in oil
(qualification test),
1.2/50-µs waveform, per IEC 62368-1
ISO772x
12800
12800
10000
VPK
ISO7721B
7800
n/a
n/a
VPK
qpd
Apparent charge(5)
Method a: After I/O safety test subgroup 2/3,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.2 × VIORM , tm = 10 s
≤ 5
≤ 5
≤ 5
pC
Method a: After environmental tests
subgroup 1,
Vini = VIOTM, tini = 60 s;
Vpd(m) = 1.6 x VIORM,
tm = 10 s (ISO772x)
≤ 5
≤ 5
≤ 5
Vpd(m) = 1.3 x VIORM,
tm = 10 s (ISO7721B)
≤ 5
n/a
n/a
Method b: At routine test (100% production) and preconditioning
(type test);
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.875 x VIORM (ISO772x) or Vpd(m) = 1.5 x VIORM
(ISO7721B) , tm = 1 s (method b1) or
Vpd(m) = Vini, tm = tini (method b2)
≤ 5
≤ 5
≤ 5
CIO
Barrier capacitance, input to
output(6)
VIO = 0.4 × sin (2 πft), f = 1 MHz
~0.5
~0.5
~0.5
pF
RIO
Isolation resistance(6)
VIO = 500 V, TA = 25°C
> 1012
> 1012
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125°C
> 1011
> 1011
> 1011
VIO = 500 V at TS = 150°C
> 109
> 109
> 109
Pollution degree
2
2
2
Climatic category
55/125/
21
55/125/
21
55/125/
21
UL 1577
ISO7720, ISO7721
SLLSEP3G – NOVEMBER 2016 – REVISED MAY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7720 ISO7721



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com