Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7801SM Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7801SM
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801SM Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7801SM Datasheet HTML 12Page - STMicroelectronics TDA7801SM Datasheet HTML 13Page - STMicroelectronics TDA7801SM Datasheet HTML 14Page - STMicroelectronics TDA7801SM Datasheet HTML 15Page - STMicroelectronics TDA7801SM Datasheet HTML 16Page - STMicroelectronics TDA7801SM Datasheet HTML 17Page - STMicroelectronics TDA7801SM Datasheet HTML 18Page - STMicroelectronics TDA7801SM Datasheet HTML 19Page - STMicroelectronics TDA7801SM Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
Electrical specifications
TDA7801
16/48
DocID022674 Rev 4
Permanent diagnostics
Pgnd
Short to GND det. (below this
limit, the output is considered
in short circuit to GND)
--
-
1
V
Pvs
Short to Vs det. (above this
limit, the Output is
considered in short circuit to
Vs)
-Vs – 1
-
-
V
Pnop
Normal operation thresholds.
(Within these limits, the
output is considered without
faults)
-2
-
Vs – 2
V
LSC
Shorted load det.
Speaker mode
-
-
0.5
Booster mode
-
-
15
Lop
Normal load det.
Speaker mode
1.65
-
-
Booster mode
0.065
-
-
k
VO
Offset detection
Absolute value
1.5
-
2.5
V
Tph
Thermal protection junction
temperature
Gain attenuation of 60 dB
-
175
-
°C
Tpl
Gain attenuation of 0.5 dB
-
165
-
°C
Tw1
Thermal warning junction
temperature
--
Tpl-10
-
°C
Tw2
--
Tpl-27
-
°C
Tw3
--
Tpl-45
-
°C
Tw4
--
Tpl-62
-
°C
Legacy mode
VLM_MUTE
Legacy mode mute threshold
Gain Attenuation of 80 dB
-
-
1.2
V
Gain Attenuation of 0.1 dB
2.6
-
-
V
VLM_ON
Legacy mode threshold
Device in legacy mode
Vs-2
-
Vs
V
ILKG_MUTE
Mute pin leakage
-
-5
-
+5
µA
I2C Bus interface
fSCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
1.5
V
VIH
Input high voltage
-
2.3
-
-
V
Pll-filter /ENABLE pin
VILENB
Input low voltage
-
-
-
1.5
V
VIHENB
Input high voltage
-
2.3
-
-
V
IILENB(1)
Logic ‘0’ output current
VIN = 0.45 V
-
-
2
mA
IIHENB
Logic ‘1’ input current
VIN = 2.3 V (IB0 D4=0)
-
-
2
µA
Table 6. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com