Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7801SM Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7801SM
Description  Digital input quad power amplifier with built-in diagnostics features
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7801SM Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7801SM Datasheet HTML 34Page - STMicroelectronics TDA7801SM Datasheet HTML 35Page - STMicroelectronics TDA7801SM Datasheet HTML 36Page - STMicroelectronics TDA7801SM Datasheet HTML 37Page - STMicroelectronics TDA7801SM Datasheet HTML 38Page - STMicroelectronics TDA7801SM Datasheet HTML 39Page - STMicroelectronics TDA7801SM Datasheet HTML 40Page - STMicroelectronics TDA7801SM Datasheet HTML 41Page - STMicroelectronics TDA7801SM Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
I2C registers
TDA7801
38/48
DocID022674 Rev 4
9.4
IB3-Addr:"00011"
9.5
IB4-Addr:"00100"
Table 14. IB3-Addr:"00011"
Bit
Instruction decoding bit
D7
0: Noise gating on
1: Noise gating off
D6
0 (not used)
D5
0: under-voltage digital mute on
1: under-voltage digital mute off
D4
Tristate channel 3 (right front)
0: ch.3 not in tristate
1: ch.3 in tristate
D3
Tristate channel 1 (left front)
0: ch.1 not in tristate
1: ch.1 in tristate
D2
Tristate channel 4 (right rear)
0: ch.4 not in tristate
1: ch.4 in tristate
D1
Tristate channel 2 (left rear)
0: ch.2 not in tristate
1: ch.2 in tristate
D0
0: Input high pass filter off
1: Input high pass filter on
Table 15. IB4-Addr:"00100"
Bit
Instruction decoding bit
D7
AC diagnostic On (D7='1')
D6
AC diagnostic current threshold
D6 = '0': high
D6 = '1': low
D5
TDM
00 I2S standard
01 I2S - 4 ch
10 I2S - 8 ch (first channels)
11 I2S - 8 ch (last channels)
D4
D3
0 (not used)
D2
0 (not used)
D1
0 (not used)
D0
0 (not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com