Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5FTR Datasheet(PDF) 78 Page - STMicroelectronics

Part # VNF9D5FTR
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5FTR Datasheet(HTML) 78 Page - STMicroelectronics

Back Button VNF9D5FTR Datasheet HTML 74Page - STMicroelectronics VNF9D5FTR Datasheet HTML 75Page - STMicroelectronics VNF9D5FTR Datasheet HTML 76Page - STMicroelectronics VNF9D5FTR Datasheet HTML 77Page - STMicroelectronics VNF9D5FTR Datasheet HTML 78Page - STMicroelectronics VNF9D5FTR Datasheet HTML 79Page - STMicroelectronics VNF9D5FTR Datasheet HTML 80Page - STMicroelectronics VNF9D5FTR Datasheet HTML 81Page - STMicroelectronics VNF9D5FTR Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 108 page
background image
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
tdoff(1)
Turn-off delay time Ch0,1 at
TJ = 25 °C to 150 °C
Fail-safe mode, bulb mode, from DIx
falling to 80% VOUT; RL = 2.4 Ω;
SLOPECRx = 00
25
50
80
µs
tskew(1)
Turn-off turn-on time Ch0,1 at
TJ = 25 °C to 150 °C
Differential Pulse skew (tdoff - tdon);
RL = 2.4 Ω; SLOPECRx = 00
-35
0
35
µs
(dVOUT/dt)on(1)
Turn-on voltage slope Ch0,1 at
TJ = 25 °C to 150 °C
VOUT = 2.6 V to 7.8 V; RL = 2.4 Ω
SLOPECRx = 00
0.16 0.40 0.62 V/µs
VOUT = 2.6 V to 7.8 V; RL = 2.4 Ω
SLOPECRx = 01
0.21 0.42 0.64 V/µs
VOUT = 2.6 V to 7.8 V; RL = 2.4 Ω
SLOPECRx = 10
0.23 0.44 0.68 V/µs
VOUT = 2.6 V to 7.8 V; RL = 2.4 Ω
SLOPECRx = 11
0.25 0.46 0.73 V/µs
(dVOUT/dt)off(1)
Turn-off voltage slope Ch0,1 at
TJ = 25 °C to 150 °C
VOUT = 10.4 V to 5.2 V; RL = 2.4 Ω
SLOPECRx = 00
0.13 0.40 0.60 V/µs
VOUT = 10.4 V to 5.2 V; RL = 2.4 Ω
SLOPECRx = 01
0.16 0.48 0.70 V/µs
VOUT = 10.4 V to 5.2 V; RL = 2.4 Ω
SLOPECRx = 10
0.21 0.60 0.86 V/µs
VOUT = 10.4 V to 5.2 V; RL = 2.4 Ω
SLOPECRx = 11
0.25 0.72 0.98 V/µs
WON(2)
Switching losses energy at turn-on
Ch0,1
RL = 2.4 Ω; SLOPECRx = 00
1
3.6
mJ
WOFF(2)
Switching losses energy at turn-off
Ch0,1
RL = 2.4 Ω; SLOPECRx = 00
0.52
0.9
mJ
1. See Figure 37. Switching characteristics.
2. Parameter specified by design and evaluated by characterization, not tested in production.
Table 61. Bulb–Protection and diagnostic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ILIMH_ch0,1(1)
DC short-circuit current
VCC = 16 V, TJ = -40 °C
-15%
84
15%
A
VCC = 16 V, TJ = 150 °C
-15%
57.5
15%
A
ILIMH_ch0,1 at 19 V DC short-circuit current
VCC = 19 V, TJ = -40 °C
-15%
63
15%
A
VCC = 19 V, TJ = 150 °C
-15%
44.5
15%
ILIMH_ch0,1 at 22 V DC short-circuit current
VCC = 22 V, TJ = 25 °C
23
A
VDEMAG
Turn-off output voltage clamp
IOUT = 1 A; VIN0,1 = 0 V;
L = 6 mH; 25 °C < TJ < 150 °C
VCC–36 VCC–38 VCC–45
V
1. ILIMH_ch0,1 ensured between 7 V and 16 V, -40 °C < TJ < 150 °C.
Table 62. Bulb–Digital current sense (7 V < VCC < 18 V, channel 0, 1; TJ = -40 °C to 150 °C)
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
KOL
Digital current sense gain: ADCOUT/IOUT
IOUT = 350 mA
-65%
34
65%
1/A
KLED
Digital current sense gain: ADCOUT/IOUT
IOUT = 600 mA
-35%
33
35%
1/A
K0
Digital current sense gain: ADCOUT/IOUT
IOUT = 1.1 A
-15%
32
15%
1/A
VNF9D5F
Electrical specifications
DS13946 - Rev 8
page 78/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com