Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9D5FTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VNF9D5FTR
Description  2-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9D5FTR Datasheet(HTML) 3 Page - STMicroelectronics

  VNF9D5FTR Datasheet HTML 1Page - STMicroelectronics VNF9D5FTR Datasheet HTML 2Page - STMicroelectronics VNF9D5FTR Datasheet HTML 3Page - STMicroelectronics VNF9D5FTR Datasheet HTML 4Page - STMicroelectronics VNF9D5FTR Datasheet HTML 5Page - STMicroelectronics VNF9D5FTR Datasheet HTML 6Page - STMicroelectronics VNF9D5FTR Datasheet HTML 7Page - STMicroelectronics VNF9D5FTR Datasheet HTML 8Page - STMicroelectronics VNF9D5FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
1
Block diagram and pin description
Figure 1. Block diagram
Channel 0
1
Power Clamp
Current Limitation
Power Limitation
Overtemperature
Off state Openload
Output shorted to Vcc
Bulb / Led Mode
Fail Safe functionality
Diagnostic Control
Blanking Time
PWM Engine
+
Fallback clock
(400kHz)
ADC
Current Sense
Current Sense
Multiplexer
Undervoltage
Vcc Clamp
VREG
VREG
OTP / Limp
Home
DI0
DI1
VCC
GND
OUT0
OUT1
Slope Control
Standby Mode
Priority
Manager
5-bit
phase
shift
Current Sense
Reverse Battery
ADC BIST
STDBY_NOT
Capacitive Charging
(CCM)
i²t BIST
Programmable
i²t
Protection
24-bit SPI
CSN
SDI
SDO
SCK
Shadow
Registers
VDD
Logic
PWM_CLK
i²t
Current Sense
Programmable
i²t
Protection
i²t BIST
Temperature
Monitoring
Current Sense
Current Sense
Figure 2. Connection diagram
N.C.
N.C.
N.C.
N.C.
N.C.
STDBY_NOT
VREG
GND
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
17
18
19
20
22
21
24
23
26 25
28 27
30 29
32 31
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT0
OUTPUT0
OUTPUT0
OUTPUT0
TAB*
TAB*
TAB*
TAB*
*: Electrically connected to TAB. Those pins are intented for thermo-mechanical purpose only.
They have to be soldered, but must be electrically isolated at PCB level.
VNF9D5F
Block diagram and pin description
DS13946 - Rev 8
page 3/108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com