Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20FTR Datasheet(PDF) 39 Page - STMicroelectronics

Part # VNF9Q20FTR
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20FTR Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VNF9Q20FTR Datasheet HTML 35Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 36Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 37Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 38Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 39Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 40Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 41Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 42Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
CHLOFFTCRxx
Channel latch OFF timer control register
Address:
0x10h to 0x11h
Type:
R
Reset:
0
Description:
Channel latch OFF timer control register
In case of power limitation or thermal shutdown event, the output channel behavior is configurable (by means of 2
bits) as latch off or time limited auto-restart (tblanking).
By default, the time limited auto-restart mode is the set behavior.
In latched off-state, the fault must be cleared to re-enable the output channel after an overtemperature or power
limitation event.
The blanking window duration (tblanking) in case of power limitation or thermal shutdown events can be set, per
channel, according to the following table:
Table 37. Programmable tblanking values
CHLOFFTCRx3
CHLOFFTCRx2
CHLOFFTCRx1
CHLOFFTCRx0
0
0
0
0
Latch OFF (default)
0
0
0
1
16 ms
0
0
1
0
32 ms
…
…
…
…
…
1
1
1
0
224 ms
1
1
1
1
240 ms
VNF9Q20F
SPI functional description
DS13909 - Rev 8
page 39/111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com