Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNF9Q20FTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNF9Q20FTR
Description  4-channel high-side driver with STi²Fuse protection for automotive power distribution applications
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNF9Q20FTR Datasheet(HTML) 4 Page - STMicroelectronics

  VNF9Q20FTR Datasheet HTML 1Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 2Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 3Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 4Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 5Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 6Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 7Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 8Page - STMicroelectronics VNF9Q20FTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
Figure 2. Connection diagram
OUTPUT2
OUTPUT2
N.C.
N.C.
N.C.
N.C.
OUTPUT3
OUTPUT3
N.C.
STDBY_NOT
VREG
GND
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16
17
18
19
20
22
21
24
23
26 25
28 27
30 29
32 31
N.C.
N.C.
N.C.
N.C.
*: Electrically connected to TAB. Those pins are intented for thermo-mechanical purpose only.
They have to be soldered, but must be electrically isolated at PCB level.
TAB*
TAB*
TAB*
TAB*
Table 1. Pin functionality description
Pin #
Name
Function
TAB
VCC
Battery connection: this is the backside TAB and is the direct connection to drain Power
MOSFET switches.
1, 2, 5-8, 20, 23,
24-26, 31, 32
N.C.
Not connected pin.
3, 4
OUTPUT2
Power OUTPUT 2: direct connection to the source Power MOSFET channel 2.
9, 10
DI0, DI1
Direct input: direct control for OUTx in limp-home mode. Configurable as OR combination
with the relevant SPI OUTx control bit in normal mode.
11
PWM_CLK
External clock of PWM engine.
12
CSN
Chip select not (active low): it is the selection pin of the device. It is a CMOS compatible
input.
13
SCK
Serial clock: it is a CMOS compatible input.
14
SDI
Serial data input: transfers data to be written serially into the device on the SCK rising edge.
15
SDO
Serial data output: transfers data serially out of the device on the SCK falling edge.
16
VDD
DC supply input for the SPI interface. 3.3 V and 5 V compatible.
VNF9Q20F
Block diagram and pin description
DS13909 - Rev 8
page 4/111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com