Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNP10N06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNP10N06
Description  "OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNP10N06 Datasheet(HTML) 1 Page - STMicroelectronics

  VNP10N06 Datasheet HTML 1Page - STMicroelectronics VNP10N06 Datasheet HTML 2Page - STMicroelectronics VNP10N06 Datasheet HTML 3Page - STMicroelectronics VNP10N06 Datasheet HTML 4Page - STMicroelectronics VNP10N06 Datasheet HTML 5Page - STMicroelectronics VNP10N06 Datasheet HTML 6Page - STMicroelectronics VNP10N06 Datasheet HTML 7Page - STMicroelectronics VNP10N06 Datasheet HTML 8Page - STMicroelectronics VNP10N06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VNP10N06
"OMNIFET":
FULLY AUTOPROTECTED POWER MOSFET
September 2013
1
2
3
TO-220
BLOCK DIAGRAM
TYPE
Vclamp
RDS(on)
Ilim
VNP10N06
60 V
0.3
Ω
10 A
s
LINEAR CURRENT LIMITATION
s
THERMAL SHUT DOWN
s
SHORT CIRCUIT PROTECTION
s
INTEGRATED CLAMP
s
LOW CURRENT DRAWN FROM INPUT PIN
s
LOGIC LEVEL INPUT THRESHOLD
s
ESD PROTECTION
s
SCHMITT TRIGGER ON INPUT
s
HIGH NOISE IMMUNITY
s
STANDARD TO-220 PACKAGE
DESCRIPTION
The VNP10N06 is a monolithic device made
using STMicroelectronics VIPower Technology,
intended for replacement of standard power
MOSFETS in DC to 50 KHz applications.
Built-in thermal shut-down, linear current limi-
tation and overvoltage clamp protect
the
chip
n harsh enviroments.
1/11


Similar Part No. - VNP10N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNP10N06 STMICROELECTRONICS-VNP10N06 Datasheet
126Kb / 11P
O"MNIFET”: FULLY AUTOPROTECTED POWER MOSFET
Jun-1997
VNP10N06FI STMICROELECTRONICS-VNP10N06FI Datasheet
168Kb / 14P
ISO HIGH SIDE SMART POWER SOLID STATE RELAY
12-Dec-2008
More results

Similar Description - VNP10N06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5N07 STMICROELECTRONICS-VND5N07 Datasheet
166Kb / 15P
OMNIFET: FULLY AUTOPROTECTED POWER MOSFET
18-Jun-2004
VNB49N04 STMICROELECTRONICS-VNB49N04 Datasheet
506Kb / 22P
OMNIFET: fully autoprotected Power MOSFET
25-Nov-2010
VNB14N04-E STMICROELECTRONICS-VNB14N04-E Datasheet
522Kb / 17P
"OMNIFET" fully autoprotected Power MOSFET
08-Apr-2009
VNB20N07-E STMICROELECTRONICS-VNB20N07-E Datasheet
491Kb / 13P
"OMNIFET": FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VNS3NV04DPTR-E STMICROELECTRONICS-VNS3NV04DPTR-E Datasheet
289Kb / 21P
OMNIFET II fully autoprotected Power MOSFET
09-Mar-2011
VNB10N07TR-E STMICROELECTRONICS-VNB10N07TR-E Datasheet
511Kb / 14P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
VND10N0613TR STMICROELECTRONICS-VND10N0613TR Datasheet
595Kb / 25P
OMNIFET fully autoprotected Power MOSFET
25-Sep-2013
VNB28N04-E STMICROELECTRONICS-VNB28N04-E Datasheet
226Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Sep-2013
VND10N06-1-E STMICROELECTRONICS-VND10N06-1-E Datasheet
595Kb / 25P
OMNIFET fully autoprotected Power MOSFET
25-Sep-2013
VNB35N07TR-E STMICROELECTRONICS-VNB35N07TR-E Datasheet
153Kb / 13P
OMNIFET FULLY AUTOPROTECTED POWER MOSFET
Jun-1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com