Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8313PWPR Datasheet(PDF) 21 Page - Texas Instruments

Part # DRV8313PWPR
Description  DRV8313 2.5-A Triple 1/2-H Bridge Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8313PWPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DRV8313PWPR Datasheet HTML 17Page - Texas Instruments DRV8313PWPR Datasheet HTML 18Page - Texas Instruments DRV8313PWPR Datasheet HTML 19Page - Texas Instruments DRV8313PWPR Datasheet HTML 20Page - Texas Instruments DRV8313PWPR Datasheet HTML 21Page - Texas Instruments DRV8313PWPR Datasheet HTML 22Page - Texas Instruments DRV8313PWPR Datasheet HTML 23Page - Texas Instruments DRV8313PWPR Datasheet HTML 24Page - Texas Instruments DRV8313PWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
CPL
CPH
VCP
VM
OUT1
PGND1
PGND2
OUT2
OUT3
PGND3
VM
COMPP
GND
IN1
EN1
IN2
EN2
IN3
EN3
NC
GND
nCOMPO
nFAULT
nSLEEP
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
DRV8313PWP
COMPN
GND
nRESET
V3P3
16
15
13
14
0.01 µF
0.1 µF
0.47 µF
10 k
Ÿ
0.1 µF
VM
100 µF
+
0.1 µF
VM
VM
VM
Copyright © 2016, Texas Instruments Incorporated
21
DRV8313
www.ti.com
SLVSBA5D – OCTOBER 2012 – REVISED APRIL 2016
Product Folder Links: DRV8313
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
8.2.4 Three Solenoid Loads
Figure 17. Three Independent Load Connections Schematic
8.2.4.1
Design Requirements
Table 10 gives design input parameters for system design.
Table 10. Design Parameters
DESIGN PARAMETER
REFERENCE
EXAMPLE VALUE
Solenoid rms current
IRMS, SOL
1.0 A
Solenoid peak current
IPEAK, SOL
1.5 A
8.2.4.1.1
Detailed Design Procedure
Table 11. Solenoid Control (high-side load)
Function
IN2
EN2
OUT2
Coast / Off
X
0
Z
On
0
1
L
Brake
1
1
H
Table 12. Solenoid Control (low-side load)
Function
IN1
EN1
OUT1
Coast / Off
X
0
Z
On
1
1
H
Brake
0
1
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com