Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8313PWPR Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8313PWPR
Description  DRV8313 2.5-A Triple 1/2-H Bridge Driver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8313PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8313PWPR Datasheet HTML 4Page - Texas Instruments DRV8313PWPR Datasheet HTML 5Page - Texas Instruments DRV8313PWPR Datasheet HTML 6Page - Texas Instruments DRV8313PWPR Datasheet HTML 7Page - Texas Instruments DRV8313PWPR Datasheet HTML 8Page - Texas Instruments DRV8313PWPR Datasheet HTML 9Page - Texas Instruments DRV8313PWPR Datasheet HTML 10Page - Texas Instruments DRV8313PWPR Datasheet HTML 11Page - Texas Instruments DRV8313PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
Supply Voltage VM (V)
5
10
15
20
25
30
35
40
45
50
-30
-20
-10
0
10
20
30
40
50
60
70
D005
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
Ambient Temperature TA (qC)
-40
-20
0
20
40
60
80
100
120
140
-30
-20
-10
0
10
20
30
40
50
60
D006
VM (V)
5
10
15
20
25
30
35
40
45
50
55
60
400
420
440
460
480
500
520
540
560
580
600
620
640
660
D003
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
420
440
460
480
500
520
540
560
580
600
620
640
D004
VM (V)
5
10
15
20
25
30
35
40
45
50
55
60
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
D001
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
1.3
1.35
D002
8
DRV8313
SLVSBA5D – OCTOBER 2012 – REVISED APRIL 2016
www.ti.com
Product Folder Links: DRV8313
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 2. Supply Current vs Supply Voltage
Figure 3. Supply Current vs Temperature at VM = 24 V
Figure 4. Sleep Current vs Supply Voltage
Figure 5. Sleep Current vs Temperature at VM = 24 V
Figure 6. High-Side RDS(on) vs Supply Voltage (Normalized to
24 V, 25°C)
Figure 7. High-Side RDS(on) vs Temperature at VM = 24 V
(Normalized to 25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com