Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA129
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA129 Datasheet HTML 13Page - Texas Instruments INA129 Datasheet HTML 14Page - Texas Instruments INA129 Datasheet HTML 15Page - Texas Instruments INA129 Datasheet HTML 16Page - Texas Instruments INA129 Datasheet HTML 17Page - Texas Instruments INA129 Datasheet HTML 18Page - Texas Instruments INA129 Datasheet HTML 19Page - Texas Instruments INA129 Datasheet HTML 20Page - Texas Instruments INA129 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
9.2.2.4 Input Bias Current Return Path
The input impedance of the INA12x is extremely high: approximately 10 GΩ. However, a path must be provided
for the input bias current of both inputs. This input bias current is approximately ±2 nA. High input impedance
means that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 9-3 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range, and the input amplifiers saturate.
If the differential source resistance is low, the bias current return path can be connected to one input (see
the thermocouple example in Figure 9-3). With higher source impedance, use two equal resistors to provide
a balanced input, with possible advantages of lower input offset voltage due to bias current, and better high-
frequency common-mode rejection.
For more details about why a valid input bias current return path is necessary, see the Importance of Input Bias
Current Return Paths in Instrumentation Amplifier Applications application note.
47kΩ
47kΩ
10kΩ
Microphone,
Hydrophone
etc.
Thermocouple
Center−tap provides
bias current return.
INA128
INA128
INA128
Figure 9-3. Providing an Input Common-Mode Current Path
www.ti.com
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com