Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA129 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA129
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA129 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA129 Datasheet HTML 6Page - Texas Instruments INA129 Datasheet HTML 7Page - Texas Instruments INA129 Datasheet HTML 8Page - Texas Instruments INA129 Datasheet HTML 9Page - Texas Instruments INA129 Datasheet HTML 10Page - Texas Instruments INA129 Datasheet HTML 11Page - Texas Instruments INA129 Datasheet HTML 12Page - Texas Instruments INA129 Datasheet HTML 13Page - Texas Instruments INA129 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, VCM = VS / 2, and G = 1 (unless otherwise noted)
(V−)+1.2
(V−)
(V+)
0
1
2
3
4
Output Current (mA)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
(V−)+1.2
(V−)
(V+)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
Figure 7-13. Output Voltage Swing vs Output Current
(V−)+1.2
(V−)
(V+)
(V+)−0.4
(V+)−0.8
(V+)−1.2
(V−)+0.8
(V−)+0.4
0
5
10
15
20
Power Supply Voltage (V)
R
L = 10kΩ
−40°C
+85°C
+25°C
−40°C
+85°C
−40°C
+25°C
+85°C
Figure 7-14. Output Voltage Swing vs Power Supply Voltage
18
16
14
12
10
8
6
4
2
0
0
25
50
75
100
125
−25
−50
−75
Temperature (°C)
−ISC
+ISC
Figure 7-15. Short Circuit Output Current vs Temperature
0
2
4
6
8
10
12
14
16
18
20
100
1k
10k
100k
1M
10M
Frequency (Hz)
VS = ±15 V
VS = ±5 V
C001
Figure 7-16. Maximum Output Voltage vs Frequency
-100
-80
-60
-40
0.001
0.01
0.1
1
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
C002
Figure 7-17. Total Harmonic Distortion + Noise vs Frequency
1s/div
0.1µV/div
G ≥ 100
Figure 7-18. 0.1 to 10-Hz Input-Referred Voltage Noise
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com