Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2 Datasheet(PDF) 23 Page - Texas Instruments

Part # INA180B2
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180B2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button INA180B2 Datasheet HTML 19Page - Texas Instruments INA180B2 Datasheet HTML 20Page - Texas Instruments INA180B2 Datasheet HTML 21Page - Texas Instruments INA180B2 Datasheet HTML 22Page - Texas Instruments INA180B2 Datasheet HTML 23Page - Texas Instruments INA180B2 Datasheet HTML 24Page - Texas Instruments INA180B2 Datasheet HTML 25Page - Texas Instruments INA180B2 Datasheet HTML 26Page - Texas Instruments INA180B2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
9.1.3 Signal Filtering
Provided that the INAx180 output is connected to a high impedance input, the best location to filter is at the
device output using a simple RC network from OUT to GND. Filtering at the output attenuates high-frequency
disturbances in the common-mode voltage, differential input signal, and INAx180 power-supply voltage. If
filtering at the output is not possible, or filtering of only the differential input signal is required, it is possible
to apply a filter at the input pins of the device. Figure 9-2 provides an example of how a filter can be used on the
input pins of the device.
VOUT
VS
2.7 V to 5.5 V
Bias
IN±
IN+
VS
OUT
Single-Channel
TI Device
RF < 10
RINT
CF
RF < 10
RINT
+
±
Bus Voltage
±0.2 V to +26 V
RSENSE
Load
GND
f±3dB
3dB
F
F
F
1
f
2 (R
R )C
S
Figure 9-2. Filter at Input Pins
The addition of external series resistance creates an additional error in the measurement; therefore, the value
of these series resistors must be kept to 10 Ω (or less, if possible) to reduce impact to accuracy. The internal
bias network shown in Figure 9-2 present at the input pins creates a mismatch in input bias currents when a
differential voltage is applied between the input pins. If additional external series filter resistors are added to
the circuit, the mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This
mismatch creates a differential error voltage that subtracts from the voltage developed across the shunt resistor.
This error results in a voltage at the device input pins that is different than the voltage developed across the
shunt resistor. Without the additional series resistance, the mismatch in input bias currents has little effect on
device operation. The amount of error these external filter resistors add to the measurement can be calculated
using Equation 5, where the gain error factor is calculated using Equation 4.
The amount of variance in the differential voltage present at the device input relative to the voltage developed
at the shunt resistor is based both on the external series resistance (RF) value as well as internal input resistor
RINT, as shown in Figure 9-2. The reduction of the shunt voltage reaching the device input pins appears as a
gain error when comparing the output voltage relative to the voltage across the shunt resistor. A factor can be
calculated to determine the amount of gain error that is introduced by the addition of external series resistance.
Calculate the expected deviation from the shunt voltage to what is measured at the device input pins is given
using Equation 4:
INT
F
INT
F
INT
1250 R
Gain Error Factor
(1250 R ) (1250 R
) (R
R
)
u
u
u
u
(4)
where:
• RINT is the internal input resistor.
• RF is the external series resistance.
www.ti.com
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com