Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA180B2 Datasheet(PDF) 26 Page - Texas Instruments

Part # INA180B2
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180B2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA180B2 Datasheet HTML 22Page - Texas Instruments INA180B2 Datasheet HTML 23Page - Texas Instruments INA180B2 Datasheet HTML 24Page - Texas Instruments INA180B2 Datasheet HTML 25Page - Texas Instruments INA180B2 Datasheet HTML 26Page - Texas Instruments INA180B2 Datasheet HTML 27Page - Texas Instruments INA180B2 Datasheet HTML 28Page - Texas Instruments INA180B2 Datasheet HTML 29Page - Texas Instruments INA180B2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
One method of calculating the total error is to add the gain error to the percentage contribution of the offset error.
However, in this case, the gain error and the offset error do not have an influence or correlation to each other. A
more statistically accurate method of calculating the total error is to use the RSS sum of the errors, as shown in
Equation 7:
2
2
Total Error (%) =
Total Gain Error (%) + Total Offset Error (%)
(7)
After applying Equation 7, the total current sense error at maximum current is calculated to be 1.25%, and that is
less than the design example requirement of 1.5%.
The INA180A4 (gain = 200) also has a bandwidth of 105 kHz that meets the small-signal bandwidth requirement
of 80 kHz. If higher bandwidth is required, lower-gain devices can be used at the expense of either reduced
output voltage range or an increased value of RSENSE.
9.2.3 Application Curve
Figure 9-4 shows an example output response of a unidirectional configuration. The device output swing is
limited by ground; therefore, the output is biased to this zero output level. The output rises above ground for
positive differential input signals, but cannot fall below ground for negative differential input signals.
Time (500 µs/div)
Output
Ground
0 V
Figure 9-4. Output Response
9.3 Power Supply Recommendations
The input circuitry of the INAx180 accurately measures beyond the power-supply voltage, VS. For example, VS
can be 5 V, whereas the bus supply voltage at IN+ and IN– can be as high as 26 V. However, the output voltage
range of the OUT pin is limited by the voltages on the VS pin. The INAx180 also withstand the full differential
input signal range up to 26 V at the IN+ and IN– input pins, regardless of whether or not the device has power
applied at the VS pin.
9.3.1 Common-Mode Transients Greater Than 26 V
With a small amount of additional circuitry, the INAx180 can be used in circuits subject to transients higher than
26 V, such as automotive applications. Use only Zener diodes or Zener-type transient absorbers (sometimes
referred to as transzorbs)—any other type of transient absorber has an unacceptable time delay. Start by adding
a pair of resistors as a working impedance for the Zener diode, as shown Figure 9-5. Keep these resistors as
small as possible; most often, around 10 Ω. Larger values can be used with an effect on gain that is discussed
in the Signal Filtering section. This circuit limits only short-term transients; therefore, many applications are
satisfied with a 10-Ω resistor along with conventional Zener diodes of the lowest acceptable power rating. This
combination uses the least amount of board space. These diodes can be found in packages as small as
SOT-523 or SOD-523.
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com