Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA2126UA/2K5 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA2126UA/2K5
Description  INAx126 MicroPower Instrumentation Amplifiers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2126UA/2K5 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA2126UA/2K5 Datasheet HTML 11Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 12Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 13Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 14Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 15Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 16Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 17Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 18Page - Texas Instruments INA2126UA/2K5 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
8.2.2.3 Input Bias Current Return
The input impedance of the INAx126 is extremely high at approximately 109 Ω. However, a path must be
provided for the input bias current of both inputs. This input bias current is typically –10 nA (current flows out
of the input pins). High input impedance means that this input bias current changes very little with varying input
voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 8-3 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range, and the input amplifiers will saturate.
If the differential source resistance is low, the bias current return path can be connected to one input (see
the thermocouple example in Figure 8-3). With higher source impedance, using two equal resistors provides a
balanced input with the advantages of lower input offset voltage due to bias current and better high-frequency
common-mode rejection.
47kΩ
47kΩ
10kΩ
Microphone,
Hydrophone
etc.
Thermocouple
Center-tap provides
bias current return.
INA126
INA126
INA126
Figure 8-3. Providing an Input Common-Mode Current Path
8.2.2.4 Input Common-Mode Range
The input common-mode range of the INAx126 is shown in Section 6.7. The common-mode range is limited
on the negative side by the output voltage swing of A2, an internal circuit node that cannot be measured on an
external pin. The output voltage of A2 can be expressed as shown in Equation 2:
VO2 = 1.25 V– IN – (V+ IN – V– IN) (10 kΩ/RG)
(2)
where
• Voltages referred to Ref, pin 5
The internal op amp A2 is identical to A1, with an output swing typically limited to 0.7 V from the supply rails.
When the input common-mode range is exceeded (A2 output is saturated), A1 can still be in linear operation and
respond to changes in the noninverting input voltage. The output voltage, however, will be invalid.
www.ti.com
INA126, INA2126
SBOS062C – SEPTEMBER 2000 – REVISED JANUARY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA126 INA2126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com